Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 37 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 37 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 33Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 34Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 35Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 36Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 37Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 38Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 39Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 40Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
HMC8191
Rev. C | Page 37 of 44
SPURIOUS AND HARMONICS PERFORMANCE
N/A means not applicable.
LO Harmonics Isolation
LO power = 18 dBm, TA = 25°C, and all values are in dBc below
the input LO level measured at the RF port.
Table 5. N × LO Spur at RF Output
N × LO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
6
37
47
57
37
8
40
52
53
40
10
46
61
62
46
12
47
68
79
47
14
46
68
72
46
16
39
77
N/A
39
18
37
78
N/A
37
20
39
60
N/A
39
22
41
55
N/A
40
24
46
N/A
N/A
46
26
45
N/A
N/A
45
Downconverter M × N Spurious Outputs
Mixer spurious products are measured in dBc from the IF output
power level, unless otherwise specified. Spur values are (M × RF) −
(N × LO).
IF = 100 MHz, RF = 6000 MHz, LO = 6100 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
−4
+15
+18
+35
N/A
1
+18
N/A
+23
+31
+41
+57
2
+57
+49
+43
+53
+54
+72
3
+87
+72
+62
+59
+63
+63
4
+84
+86
+88
+80
+78
+80
5
N/A
+84
+85
+88
+90
+88
IF = 100 MHz, RF = 16000 MHz, LO = 16100 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
9
N/A
N/A
N/A
N/A
1
28
N/A
N/A
N/A
N/A
N/A
2
N/A
87
75
84
N/A
N/A
3
N/A
N/A
86
75
90
N/A
4
N/A
N/A
N/A
88
95
88
5
N/A
N/A
N/A
N/A
87
96
IF = 100 MHz, RF = 26000 MHz, LO = 26100 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
7
N/A
N/A
N/A
N/A
1
21
N/A
46
N/A
N/A
N/A
2
N/A
84
69
85
N/A
N/A
3
N/A
N/A
82
83
82
N/A
4
N/A
N/A
N/A
81
92
81
5
N/A
N/A
N/A
N/A
81
94
IF = 2500 MHz, RF = 6000 MHz, LO = 8500 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
−2
+26
+22
0
0
1
+7
N/A
+21
+41
0
0
2
+73
+71
+65
+75
+86
0
3
+85
+77
+71
+77
+85
+85
4
+83
+85
+90
+93
+88
+85
5
0
+84
+88
+93
+91
+88
IF = 2500 MHz, RF = 16000 MHz, LO = 18500 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
1
N/A
N/A
N/A
N/A
1
13
N/A
40
N/A
N/A
N/A
2
N/A
78
65
79
N/A
N/A
3
N/A
N/A
85
88
84
N/A
4
N/A
N/A
N/A
90
87
N/A
5
N/A
N/A
N/A
85
89
87
IF = 2500 MHz, RF = 26000 MHz, LO = 28500 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
N/A
N/A
N/A
N/A
N/A
1
11
N/A
N/A
N/A
N/A
N/A
2
N/A
82
73
N/A
N/A
N/A
3
N/A
N/A
85
79
N/A
N/A
4
N/A
N/A
N/A
85
86
N/A
5
N/A
N/A
N/A
N/A
83
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com