Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 31 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 31 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 28Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 29Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 30Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 31Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 32Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 33Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 34Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Data Sheet
HMC8191
Rev. C | Page 31 of 44
0
–40
–35
–30
–25
–20
–15
–10
–5
5
27
25
23
21
19
17
15
13
11
9
7
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 121. LO Return Loss vs. LO Frequency at Various Temperatures,
LO Drive = 18 dBm
0
–40
–35
–30
–25
–20
–15
–10
–5
5
27
25
23
21
19
17
15
13
11
9
7
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 122. RF Return Loss vs. RF Frequency at Various Temperatures,
LO Frequency = 16 GHz, LO Drive = 18 dBm
0
–30
–25
–20
–15
–10
–5
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
IF FREQUENCY (GHz)
IF1 AT TA = +85°C
IF1 AT TA = +25°C
IF1 AT TA = –40°C
IF2 AT TA = +85°C
IF2 AT TA = +25°C
IF2 AT TA = –40°C
Figure 123. IF1/IF2 Return Loss vs. IF Frequency at Various Temperatures,
LO Frequency = 16 GHz, LO Drive = 18 dBm
0
–40
–35
–30
–25
–20
–15
–10
–5
5
27
25
23
21
19
17
15
13
11
9
7
LO FREQUENCY (GHz)
20dBm
18dBm
16dBm
Figure 124. LO Return Loss vs. LO Frequency at Various LO Drives
0
–40
–35
–30
–25
–20
–15
–10
–5
5
27
25
23
21
19
17
15
13
11
9
7
RF FREQUENCY (GHz)
20dBm
18dBm
16dBm
Figure 125. RF Return Loss vs. RF Frequency at Various LO Drives,
LO Frequency = 16 GHz
0
–30
–25
–20
–15
–10
–5
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
IF FREQUENCY (GHz)
IF1 AT 20dBm
IF1 AT 18dBm
IF1 AT 16dBm
IF2 AT 20dBm
IF2 AT 18dBm
IF2 AT 16dBm
Figure 126. IF1/IF2 Return Loss vs. IF Frequency at Various LO Drives,
LO Frequency = 16 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com