Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC8191LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
HMC8191
Data Sheet
Rev. C | Page 4 of 44
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
RF Input Power
24 dBm
LO Input Power
24 dBm
IF Input Power
24 dBm
IF Source/Sink Current
3 mA
Continuous Power Dissipation, PDISS
(TA = 85°C, Derate 7.29 mW/°C Above 85°C)
657 mW
Maximum Junction Temperature
175°C
Maximum Peak Reflow Temperature (MLS3)
260°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Electrostatic Discharge Sensitivity
Human Body Model
750 V
Field Induced Charged Device Model
1200 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Careful attention to PCB thermal
design is required.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
E-24-11
38.3
137
°C/W
1
Refer to JDEC standard JESD51-2 for additional information on optimizing
the thermal impedance (PCB with 4 × 4 vias).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com