Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 41 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 41 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 36Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 37Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 38Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 39Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 40Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 41Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 42Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 43Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
HMC8191
Rev. C | Page 41 of 44
APPLICATIONS INFORMATION
Figure 149 shows the typical application circuit for the HMC8191.
To select the appropriate sideband, an external 90° hybrid is
needed. For applications not requiring operation to dc, use an
off-chip dc blocking capacitor. For applications that require the
LO signal at the output to be suppressed, use a bias tee or RF
feed as shown in Figure 149. Ensure that the source or sink
current used for LO suppression is <3 mA for each IF port to
prevent damage to the device. The common-mode voltage for
each IF port is 0 V.
To select the upper sideband when using as an upconverter,
connect the IF1 pin to the 90° port of the hybrid, and connect
the IF2 pin to the 0° port of the hybrid. To select the lower
sideband, connect IF1 to the 0° port of the hybrid and IF2 to the
90° port of the hybrid. The input is from the sum port of the
hybrid and the difference port is 50 Ω terminated.
To select the upper sideband (low-side LO) when using as a
downconverter, connect the IF1 pin to the 0° port of the hybrid,
and connect the IF2 pin to the 90° port of the hybrid. To select
the lower sideband (high-side LO), connect the IF1 pin to the
90° port of the hybrid and IF2 to the 0° port of the hybrid. The
output is from the sum port of the hybrid, and the difference
port is 50 Ω terminated.
RF
50Ω
IF
HMC8191 EVALUATION BOARD
SUPPLY
FOR IF1
SUPPLY
FOR IF2
BIAS TEE/
DC FEED FOR IF2
BIAS TEE/
DC FEED FOR IF1
DC BLOCKING
CAPACITORS
EXTERNAL
90° HYBRID
NOTES
1. DASHED SECTIONS ARE OPTIONAL AND MEANT FOR LO NULLING.
13
1
3
4
2
5
6
14
15
16
17
18
Figure 149. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com