Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 38 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 38 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 34Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 35Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 36Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 37Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 38Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 39Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 40Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 41Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
HMC8191
Data Sheet
Rev. C | Page 38 of 44
IF = 5000 MHz, RF = 6000 MHz, LO = 11000 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
4
23
N/A
N/A
N/A
1
7
N/A
30
N/A
N/A
N/A
2
73
92
68
84
N/A
N/A
3
86
82
83
83
82
N/A
4
82
87
92
87
86
N/A
5
N/A
83
88
88
84
83
IF = 5000 MHz, RF = 16000 MHz, LO = 21000 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
3
N/A
N/A
N/A
N/A
1
11
N/A
40
N/A
N/A
N/A
2
N/A
83
85
N/A
N/A
N/A
3
N/A
N/A
85
82
N/A
N/A
4
N/A
N/A
82
81
84
N/A
5
N/A
N/A
N/A
82
88
80
IF = 5000 MHz, RF = 26000 MHz, LO = 31000 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
N/A
N/A
N/A
N/A
N/A
1
5
N/A
N/A
N/A
N/A
N/A
2
N/A
58
43
N/A
N/A
N/A
3
N/A
N/A
66
67
N/A
N/A
4
N/A
N/A
N/A
79
78
N/A
5
N/A
N/A
N/A
N/A
82
75
Upconverter M × N Spurious Outputs
Mixer spurious products are measured in dBc from the RF output
power level, unless otherwise specified. Spur values are (M × IF) −
(N × LO).
IF = 100 MHz, RF = 6000 MHz, LO = 6100 GHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
−2
+10
+16
+18
+32
1
+56
N/A
+16
+14
+31
+33
2
+93
+46
+45
+44
+51
+56
3
+92
+51
+62
+49
+57
+62
4
N/A
−2
+10
+16
+18
+32
5
+56
N/A
+16
+14
+31
+33
IF = 100 MHz, RF = 16000 MHz, LO = 16100 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
2
37
N/A
N/A
N/A
1
62
N/A
47
N/A
N/A
N/A
2
94
58
79
N/A
N/A
N/A
3
95
80
80
N/A
N/A
N/A
4
95
83
78
N/A
N/A
N/A
5
93
81
80
N/A
N/A
N/A
IF = 100 MHz, RF = 26000 MHz, LO = 26100 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
4
N/A
N/A
N/A
N/A
1
58
N/A
N/A
N/A
N/A
N/A
2
93
57
N/A
N/A
N/A
N/A
3
92
80
N/A
N/A
N/A
N/A
4
91
82
N/A
N/A
N/A
N/A
5
90
82
N/A
N/A
N/A
N/A
IF = 2500 MHz, RF = 6000 MHz, LO = 8500 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
4
11
14
50
0
1
14
0
15
30
43
58
2
83
81
70
66
82
68
3
71
90
78
69
80
75
4
90
92
86
82
82
78
5
85
91
89
84
82
82
IF = 2500 MHz, RF = 16000 MHz, LO = 18500 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
N/A
27
N/A
N/A
N/A
1
15
N/A
52
N/A
N/A
N/A
2
92
70
78
N/A
N/A
N/A
3
87
88
83
N/A
N/A
N/A
4
89
87
83
N/A
N/A
N/A
5
88
93
80
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com