Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 9Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 11Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 12Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 14Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
HMC8191
Data Sheet
Rev. C | Page 12 of 44
DOWNCONVERTER PERFORMANCE: IF = 100 MHz, UPPER SIDEBAND (LOW-SIDE LO)
0
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
6
28
26
24
22
20
18
16
14
12
10
8
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 37. Conversion Gain vs. RF Frequency at Various Temperatures,
LO Drive = 18 dBm
6
28
26
24
22
20
18
16
14
12
10
8
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
60
50
40
0
10
20
30
Figure 38. Image Rejection vs. RF Frequency at Various Temperatures,
LO Drive = 18 dBm
6
28
26
24
22
20
18
16
14
12
10
8
RF FREQUENCY (GHz)
40
0
5
10
15
20
25
30
35
TA = +85°C
TA = +25°C
TA = –40°C
Figure 39. Input IP3 vs. RF Frequency at Various Temperatures,
LO Drive = 18 dBm
0
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
6
28
26
24
22
20
18
16
14
12
10
8
RF FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
Figure 40. Conversion Gain vs. RF Frequency at Various LO Drives,
TA = 25°C
6
28
26
24
22
20
18
16
14
12
10
8
RF FREQUENCY (GHz)
60
0
10
20
30
40
50
20dBm
18dBm
16dBm
14dBm
Figure 41. Image Rejection vs. RF Frequency at Various LO Drives,
TA = 25°C
6
28
26
24
22
20
18
16
14
12
10
8
RF FREQUENCY (GHz)
40
0
5
10
15
20
25
30
35
20dBm
18dBm
16dBm
14dBm
Figure 42. Input IP3 vs. RF Frequency at Various LO Drives, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com