Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 2 Page - Analog Devices

  HMC8191LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
HMC8191
Data Sheet
Rev. C | Page 2 of 44
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 5
Typical Performance Characteristics ............................................. 6
Downconverter Performance: IF = 100 MHz, Lower Sideband
(High-Side LO) ............................................................................. 6
Downconverter Performance: IF = 2500 MHz, Lower
Sideband (High-Side LO)............................................................ 8
Downconverter Performance: IF = 5000 MHz, Lower
Sideband (High-Side LO).......................................................... 10
Downconverter Performance: IF = 100 MHz, Upper
Sideband (Low-Side LO) ........................................................... 12
Downconverter Performance: IF = 2500 MHz, Upper
Sideband (Low-Side LO) ........................................................... 14
Downconverter Performance: IF = 5000 MHz, Upper
Sideband (Low-Side LO) ........................................................... 16
Upconverter Performance: IF = 100 MHz, Lower Sideband
(High-Side LO) ........................................................................... 18
Upconverter Performance: IF = 2500 MHz, Lower Sideband
(High-Side LO)........................................................................... 20
Upconverter Performance: IF = 5000 MHz, Lower Sideband
(High-Side LO)........................................................................... 22
Upconverter Performance: IF = 100 MHz, Upper Sideband
(Low-Side LO) ............................................................................ 24
Upconverter Performance: IF = 2500 MHz, Upper Sideband
(Low-Side LO) ............................................................................ 26
Upconverter Performance: IF = 5000 MHz, Upper Sideband
(Low-Side LO) ............................................................................ 28
Isolation and Return Loss ......................................................... 30
IF Bandwidth Performance: Downconverter, Lower Sideband
(High-Side LO) ............................................................................ 32
Amplitude and Phase Imbalance Performance: Downconverter,
Lower Sideband (High-Side LO) ................................................ 33
Amplitude and Phase Imbalance Performance:
Downconverter, Upper Sideband (Low-Side LO) ..................... 35
Spurious and Harmonics Performance ................................... 37
Theory of Operation ...................................................................... 40
Applications Information .............................................................. 41
RF and LO Performance Above 26 GHz................................. 42
IF Bandwidth Above 5 GHz...................................................... 42
Soldering Information and Recommended Land Pattern.... 43
Evaluation Board Information.................................................. 43
Outline Dimensions....................................................................... 44
Ordering Guide .......................................................................... 44
REVISION HISTORY
8/2019—Rev. B to Rev. C
Changes to Table 4, Figure 5, and Figure 6 ................................... 5
Changes to Ordering Guide .......................................................... 44
5/2018—Rev. A to Rev. B
Changes to Applications Information Section............................ 41
2/2018—Rev. 0 to Rev. A
Change to Features Section ............................................................. 1
Change to Single-Sideband Noise Figure Parameter, Table 1......3
Deleted Figure 13 and Figure 16; Renumbered Sequentially ......7
Deleted Figure 25 and Figure 28......................................................9
Deleted Figure 47 and Figure 50................................................... 13
Deleted Figure 59 and Figure 62................................................... 15
Changes to Ordering Guide.......................................................... 44
6/2017—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com