Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 42 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 42 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 36Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 37Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 38Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 39Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 40Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 41Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 42Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 43Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
HMC8191
Data Sheet
Rev. C | Page 42 of 44
RF AND LO PERFORMANCE ABOVE 26 GHz
Figure 150 and Figure 151 shows the RF performance above
26 GHz for both upconversion and downconversion. The data
was taken at an IF frequency of 100 MHz and LO power at
18 dBm.
Note that this performance is typical and not guaranteed.
0
–30
–25
–20
–15
–10
–5
26.0
30.0
29.5
29.0
28.5
28.0
27.5
27.0
26.5
RF FREQUENCY (GHz)
DOWNCONVERTER
DOWNCONVERTER
UPCONVERTER
UPCONVERTER
MODE
SIDEBAND
LOWER SIDEBAND
UPPER SIDEBAND
LOWER SIDEBAND
UPPER SIDEBAND
Figure 150. Conversion Gain vs. RF Frequency above 26 GHz at TA = 25°C for
Upper and Lower Sidebands, Upconversion and Downconversion, LO Drive =
18 dBm, IF = 100 MHz, External Hybrid Not Calibrated
40
0
5
10
15
20
30
25
35
26.0
30.0
29.5
29.0
28.5
28.0
27.5
27.0
26.5
RF FREQUENCY (GHz)
DOWNCONVERTER
DOWNCONVERTER
UPCONVERTER
UPCONVERTER
MODE
SIDEBAND
LOWER SIDEBAND
UPPER SIDEBAND
LOWER SIDEBAND
UPPER SIDEBAND
Figure 151. Input IP3 vs. RF Frequency above 26 GHz at TA = 25°C for Upper and
Lower Sidebands, Upconversion and Downconversion, LO Drive = 18 dBm,
IF = 100 MHz, External Hybrid Not Calibrated
IF BANDWIDTH ABOVE 5 GHz
Figure 152, Figure 153, and Figure 154 show the IF performance
above 5 GHz. The data for these figures has been taken in
upconverter configuration at LO frequency and power of
16 GHz and 18 dBm, respectively.
Note that this performance is typical and not guaranteed.
0
–30
–25
–20
–15
–10
–5
5
12
11
10
9
8
7
6
IF FREQUENCY (GHz)
TYPE
LOWER SIDEBAND
UPPER SIDEBAND
Figure 152. Conversion Gain vs. IF Frequency above 5 GHz at TA = 25°C for
Upper and Lower Sidebands, LO Drive = 18 dBm at 16 GHz, Calibration to the
Connector of the Evaluation Board
5
12
11
10
9
8
7
6
IF FREQUENCY (GHz)
TYPE
LOWER SIDEBAND
UPPER SIDEBAND
40
0
5
10
15
20
30
25
35
Figure 153. Input IP3 vs. IF Frequency above 5 GHz at TA = 25°C for Upper and
Lower Sidebands, LO Drive = 18 dBm at 16 GHz, Calibration to the
Connector of the Evaluation Board
5
12
11
10
9
8
7
6
IF FREQUENCY (GHz)
TYPE
LOWER SIDEBAND
UPPER SIDEBAND
40
0
5
10
15
20
30
25
35
Figure 154. Sideband Rejection vs. IF Frequency above 5 GHz at TA = 25°C for
Upper and Lower Sidebands, LO Drive = 18 dBm at 16 GHz, Calibration to the
Connector of the Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com