Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC8191LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
HMC8191
Rev. C | Page 5 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
1
3
4
2
GND
GND
GND
GND
5
6
GND
GND
GND
PACKAGE
BASE
14 GND
15 GND
16 RF
17 GND
18 GND
HMC8191
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. THESE PINS MAY BE CONNECTED TO
RF/DC GROUND WITHOUT AFFECTING PERFORMANCE.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 6, 13 to 15, 17 to 22
GND
Ground. These pins and the package bottom must be connected to RF/dc ground. See Figure 3 for
the interface schematic.
7 to 9, 11, 24
NC
No Connect. These pins can be connected to RF/dc ground without affecting performance.
10, 12
IF1, IF2
First and Second Quadrature Intermediate Frequency Input/Output Pins. These pins are dc-coupled.
For applications not requiring operation to dc, use an off-chip dc blocking capacitor. For operations
to dc, these pins must not source/sink more than 3 mA of current; otherwise, the device may not
function and may fail. See Figure 4 for the interface schematic.
16
RF
Radio Frequency Input/Output. This pin is dc-coupled and matched to 50 Ω when the LO is turned
on. See Figure 5 for the interface schematic.
23
LO
Local Oscillator Input. This pin is dc-coupled and matched to 50 Ω when the LO is turned on. See
Figure 6 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
IF1, IF2
Figure 4. IF1 and IF2 Interface Schematic
RF
Figure 5. RF Interface Schematic
LO
Figure 6. LO Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com