Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 40 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 40 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 36Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 37Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 38Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 39Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 40Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 41Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 42Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 43Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
HMC8191
Data Sheet
Rev. C | Page 40 of 44
THEORY OF OPERATION
The HMC8191 is a passive, wideband, I/Q MMIC mixer
that can be used either as an image reject mixer for receiver
operations, or as a single-sideband upconverter for transmitter
operations. With an RF and LO range of 6 GHz to 26.5 GHz,
and an IF bandwidth of dc to 5 GHz, the HMC8191 is ideal
for applications requiring wide frequency range, excellent RF
performance, and a simple design with fewer components and
a small PCB footprint. A single HMC8191 can replace multiple
narrow-band mixers in a design.
The inherent I/Q architecture of the HMC8191 offers excellent
image rejection and thereby eliminates the need for expensive
filtering for unwanted sidebands. The double balanced archi-
tecture of the mixer also provides excellent LO to RF isolation
and LO to IF isolation, and reduces the effect of LO leakage to
ensure signal integrity.
Because the HMC8191 is a passive mixer, the HMC8191 does
not require any dc power sources. It offers a lower noise figure
compared to an active mixer, ensuring superior dynamic range
for high performance and precision applications.
The HMC8191 is fabricated on a GaAs MESFET process and
uses Analog Devices mixer cells and a 90° hybrid. The
HMC8191 is available in a compact, 4 mm × 4 mm, 24-terminal
LCC package and operates over a −40°C to +85°C temperature
range. An evaluation board for the HMC8191 is also available
from the Analog Devices website.
For both upconversion and downconversion, an external 90°
hybrid is required. See the Applications Information section for
details to interface with an external 90° hybrid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com