Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 39 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 39 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 35Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 36Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 37Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 38Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 39Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 40Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 41Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 42Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
HMC8191
Rev. C | Page 39 of 44
IF = 2500 MHz, RF = 26000 MHz, LO = 28500 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
12
N/A
N/A
N/A
N/A
N/A
1
50
61
N/A
N/A
N/A
N/A
2
70
66
N/A
N/A
N/A
N/A
3
86
82
N/A
N/A
N/A
N/A
4
83
83
N/A
N/A
N/A
N/A
5
12
N/A
N/A
N/A
N/A
N/A
IF = 5000 MHz, RF = 6000 MHz, LO = 11000 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
6
23
34
N/A
N/A
1
5
N/A
17
47
70
N/A
2
80
91
65
79
75
N/A
3
81
89
85
83
84
72
4
80
86
91
83
82
75
5
77
83
89
85
82
82
IF = 5000 MHz, RF = 16000 MHz, LO = 21000 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
−3
N/A
N/A
N/A
N/A
1
+1
N/A
+62
N/A
N/A
N/A
2
+81
+72
+74
N/A
N/A
N/A
3
+82
+87
+81
N/A
N/A
N/A
4
+79
+89
+81
N/A
N/A
N/A
5
+76
+88
+84
+65
N/A
N/A
IF = 5000 MHz, RF = 26000 MHz, LO = 31000 MHz,
RF power = −10 dBm, LO power = 18 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
+3
N/A
N/A
N/A
N/A
1
−7
N/A
N/A
N/A
N/A
N/A
2
+41
+42
N/A
N/A
N/A
N/A
3
+77
+78
N/A
N/A
N/A
N/A
4
+76
+81
N/A
N/A
N/A
N/A
5
+72
+84
+64
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com