Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 43 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 43 Page - Analog Devices

Back Button HMC8191LC4TR-R5 Datasheet HTML 36Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 37Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 38Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 39Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 40Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 41Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 42Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 43Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Data Sheet
HMC8191
Rev. C | Page 43 of 44
SOLDERING INFORMATION AND RECOMMENDED
LAND PATTERN
Figure 155 shows the recommended land pattern for the
HMC8191. The HMC8191 is contained in a 4 mm × 4 mm
24-terminal, ceramic, LCC package, with an exposed ground
pad (EPAD). This pad is internally connected to the ground of
the chip. To minimize thermal impedance and ensure electrical
performance, solder the pad to the low impedance ground
plane on the PCB. It is recommended that the ground planes on
all layers under the pad be stitched together with vias, to further
reduce thermal impedance.
The land pattern on the HMC8191 evaluation board provides a
simulated thermal resistance (θJA) of 38.3°C/W.
Figure 155. Evaluation Board Layout for the HMC8191 Package
EVALUATION BOARD INFORMATION
The EV1HMC8191LC4 evaluation board PCB used in the
application must use RF circuit design techniques. Signal lines
must have a 50 Ω impedance and connect the package ground
leads and exposed pad directly to the ground plane similar to
the setup shown in Figure 156. Use a sufficient number of via
holes to connect the top and bottom ground planes.
LO, J2
RF, J1
U1
HMC8191
IF1, J3
IF2, J4
Figure 156. EV1HMC8191LC4 Evaluation Board PCB, Top Layer
Table 6. Bill of Materials for the EV1HMC8191LC41 Evaluation Board PCB
Quantity
Reference Designator
Description
Manufacturer
Part Number
1
PCB, EV1HMC8191LC42
Analog Devices
08_040858a
4
J1 to J4
2.92 mm SMA connectors, SRI Connector Gage
SRI Connector Gage Co.
25-146-1000-92
1
U1
Device under test, HMC8191
Analog Devices
HMC8191
1
Reference this number when ordering the evaluation board PCB.
2
Circuit board material: Rogers 4350.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com