Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191LC4TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8191LC4TR-R5
Description  6 GHz to 26.5 GHz, Wideband I/Q Mixer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8191LC4TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC8191LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC8191LC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
6 GHz to 26.5 GHz,
Wideband I/Q Mixer
Data Sheet
HMC8191
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive, wideband I/Q mixer
RF and LO range: 6 GHz to 26.5 GHz
Wide IF bandwidth of dc to 5 GHz
Single-ended RF, LO, and IF
Conversion loss: 9 dB (typical)
Image rejection: 25 dBc (typical)
Single-sideband noise figure: 9 dB (typical)
Input IP3 (downconverter): 24 dBm (typical)
Input P1dB compression point (downconverter): 15 dBm
(typical)
Input IP2: 55 dBm (typical)
LO to RF isolation: 40 dB (typical)
LO to IF isolation: 40 dB (typical)
RF to IF isolation: 20 dB (typical)
Amplitude balance: ±0.5 dB (typical)
Phase balance (downconverter): ±5° (typical)
RF return loss: 15 dB (typical)
LO return loss: 15 dB (typical)
IF return loss: 15 dB (typical)
Exposed pad, 4 mm × 4 mm, 24-terminal, ceramic, LCC
package
APPLICATIONS
Test and measurement instrumentation
Military, aerospace, and defense applications
Microwave point to point base stations
FUNCTIONAL BLOCK DIAGRAM
13
1
3
4
2
GND
GND
GND
GND
5
6
GND
GND
GND
PACKAGE
BASE
14 GND
15 GND
16 RF
17 GND
18 GND
HMC8191
Figure 1.
GENERAL DESCRIPTION
The HMC8191 is a passive, wideband, I/Q monolithic
microwave integrated circuit (MMIC) mixer that can be used
either as an image reject mixer for receiver operations or as a
single-sideband upconverter for transmitter operations. With a
radio frequency (RF) and local oscillator (LO) range of 6 GHz
to 26.5 GHz, and an intermediate frequency (IF) bandwidth of
dc to 5 GHz, the HMC8191 is ideal for applications requiring a
wide frequency range, excellent RF performance, and a simple
design with fewer components and a small printed circuit board
(PCB) footprint. A single HMC8191 can replace multiple
narrow-band mixers in a design.
The inherent I/Q architecture of the HMC8191 offers excellent
image rejection and thereby eliminates the need for expensive
filtering for unwanted sidebands. The mixer also provides
excellent LO to RF and LO to IF isolation and reduces the effect
of LO leakage to ensure signal integrity.
Being a passive mixer, the HMC8191 does not require any dc
power sources. It offers a lower noise figure compared to an
active mixer, ensuring superior dynamic range for high
performance and precision applications.
The HMC8191 is fabricated on a gallium arsenide (GaAs) metal
semiconductor field effect transistor (MESFET) process and uses
Analog Devices, Inc. mixer cells and a 90-degree hybrid. The
HMC8191 is available in a compact, 4 mm × 4 mm, 24-terminal
leadless chip carrier (LCC) package and operates over a −40°C to
+85°C temperature range. An evaluation board for the HMC8191
is also available from the Analog Devices website.


Similar Part No. - HMC8191LC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC8192LGTR AD-HMC8192LGTR Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC8193 AD-HMC8193 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
HMC8193LC4 AD-HMC8193LC4 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
HMC8193LC4TR AD-HMC8193LC4TR Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
More results

Similar Description - HMC8191LC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Custom MMIC Design Serv...
CMD182 MMIC-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
logo
Analog Devices
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
4 GHz to 8.5 GHz, Wideband I/Q Mixer
10/2020-Revision 0
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC8193 AD-HMC8193 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
logo
Qorvo, Inc
CMD182C4 QORVO-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
CMD182 QORVO-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
QPX0001 QORVO-QPX0001 Datasheet
445Kb / 14P
6-26 GHz I/Q Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com