Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 53 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 49Page - STMicroelectronics M69KB096AB Datasheet HTML 50Page - STMicroelectronics M69KB096AB Datasheet HTML 51Page - STMicroelectronics M69KB096AB Datasheet HTML 52Page - STMicroelectronics M69KB096AB Datasheet HTML 53Page - STMicroelectronics M69KB096AB Datasheet HTML 54Page - STMicroelectronics M69KB096AB Datasheet HTML 55Page - STMicroelectronics M69KB096AB Datasheet HTML 56Page - STMicroelectronics M69KB096AB Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
M69KB096AB
9 DC and AC parameters
53/73
Figure 23. Clock input AC Waveform
tGLQX
(4)
tOLZ
Output Enable Low to Output Transition
3
3
ns
tAVKH
tRHKH
tQVKH
tLLKH
tBLKH
tWHKH
tSP
Set-up Time to Active Clock Edge
3
3
ns
1.
These timings have been obtained in the measurement conditions described in Table 14: Operating and AC Measurement
Conditions and Figure 13: AC Measurement Load Circuit.
2.
A refresh opportunity must be offered every tELEH. A refresh opportunity is possible either if E is High during the rising edge
of K; or if E is High for longer than 15ns.
3.
The Hi-Z timings measure a 100mV transition from either VOH or VOL to VCCQ/2.
4.
The Low-Z timings measure a 100mV transition from the Hi-Z (VCCQ/2) level to either VOH or VOL.
Symbol
Alt.
Parameter(1)
104MHz
80MHz
Unit
Min
Max
Min
Max
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com