Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 68 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 64Page - STMicroelectronics M69KB096AB Datasheet HTML 65Page - STMicroelectronics M69KB096AB Datasheet HTML 66Page - STMicroelectronics M69KB096AB Datasheet HTML 67Page - STMicroelectronics M69KB096AB Datasheet HTML 68Page - STMicroelectronics M69KB096AB Datasheet HTML 69Page - STMicroelectronics M69KB096AB Datasheet HTML 70Page - STMicroelectronics M69KB096AB Datasheet HTML 71Page - STMicroelectronics M69KB096AB Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
10 Wafer and die specifications
M69KB096AB
68/73
Table 25.
Bond Pad Location and Identification
Pad
Signal
Pad Coordinates from Center of Die
X (µm)(1)
Y (µm)(1)
X (inches) (1)
Y (inches)(1)
1
A0
-2,281.70
2,342.81
-0.0898306
0.0922367
2
A1
-2,162.70
2,342.81
-0.0851456
0.0922367
3
A2
-2,043.70
2,342.81
-0.0804605
0.0922367
4
A3
-1,924.70
2,342.81
-0.0757755
0.0922367
5
A4
-1,805.70
2,342.81
-0.0710905
0.0922367
6
A5
-1,686.70
2,342.81
-0.0664054
0.0922367
7
VCCQ
-1,567.70
2,342.81
-0.0617204
0.0922367
8
VSSQ
-1,448.70
2,342.81
-0.0570353
0.0922367
9
A6
-1,329.70
2,342.81
-0.0523503
0.0922367
10
A7
-1,210.70
2,342.81
-0.0476653
0.0922367
11
A17
-1,091.70
2,342.81
-0.0429802
0.0922367
12
A18
-972.70
2,342.81
-0.0382952
0.0922367
13
A19
-853.70
2,342.81
-0.0336101
0.0922367
14
E
-734.70
2,342.81
-0.0289251
0.0922367
15
LB
-615.70
2,342.81
-0.0242401
0.0922367
16
UB
-496.70
2,342.81
-0.0195550
0.0922367
17
CR
-377.70
2,342.81
-0.0148700
0.0922367
18
L
-258.70
2,342.81
-0.0101849
0.0922367
19
W
-139.70
2,342.81
-0.0054999
0.0922367
20
K
135.79
2,342.81
0.0053460
0.0922367
21
VCC
376.17
2,342.81
0.0148097
0.0922367
22
VSS
495.17
2,342.81
0.0194948
0.0922367
23
A20
614.17
2,342.81
0.0241798
0.0922367
24
A21
733.17
2,342.81
0.0288649
0.0922367
25
DNU(2)
852.17
2,342.81
0.0335499
0.0922367
26
A8
971.17
2,342.81
0.0382349
0.0922367
27
A9
1,090.17
2,342.81
0.0429200
0.0922367
28
VSSQ
1,209.17
2,342.81
0.0476050
0.0922367
29
VCCQ
1,328.17
2,342.81
0.0522901
0.0922367
30
A10
1,447.17
2,342.81
0.0569751
0.0922367
31
A11
1,566.17
2,342.81
0.0616601
0.0922367
32
A12
1,685.17
2,342.81
0.0663452
0.0922367
33
A13
1,804.17
2,342.81
0.0710302
0.0922367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com