Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 19 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 15Page - STMicroelectronics M69KB096AB Datasheet HTML 16Page - STMicroelectronics M69KB096AB Datasheet HTML 17Page - STMicroelectronics M69KB096AB Datasheet HTML 18Page - STMicroelectronics M69KB096AB Datasheet HTML 19Page - STMicroelectronics M69KB096AB Datasheet HTML 20Page - STMicroelectronics M69KB096AB Datasheet HTML 21Page - STMicroelectronics M69KB096AB Datasheet HTML 22Page - STMicroelectronics M69KB096AB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
M69KB096AB
6 Synchronous Operating modes
19/73
6.2
Full Synchronous mode
In Full Synchronous mode, the device performs read and write operations synchronously.
Synchronous Read and Write operations are performed at Word level. The initial Burst Read
and Write access latches the Burst start address. The number of Words to be output or input
during Synchronous Read and Write operations is controlled by bits 0 to 2 of the BCR.
During Burst Read and Write operations, the first data will be output after a number of clock
cycles defined by the Latency value.
Programming the registers (BCR and RCR) and reading the registers (BCR, RCR and DIDR)
can be performed using the CR controlled method in Full Synchronous mode.
Full Synchronous operations are described in Table 7: Full Synchronous Mode.
6.3
Synchronous Burst Read and Write
During Synchronous Burst Read or Write operations, addresses are latched on the rising edge
of the Clock K when L is Low and data are latched on the rising edge of K. The Write Enable,
W, signal indicates whether the operation is going to be a read (W=VIH) or a write (W=VIL).
The WAIT output will be asserted as soon as a Synchronous Burst operation is initiated and will
be de-asserted to indicate when data are to be transferred to (or from) the memory array.
The Burst Length is the number of Words to be output or input during a Synchronous Burst
Read or Write operation. It can be configured as 4, 8, 16 or 32 Words or continuous through bit
BCR0 to BCR2 or the Burst Configuration Register.
The Latency defines the number of clock cycles between the beginning of a Burst Read
operation and the first data output (counting from the first Clock edge where L was detected
Low) or between the beginning of a Burst Write operation and the first data input. The Latency
can be set through bits BCR13 to BCR11 of the Bus Configuration Register (see Table 4:
Operating Frequency versus Latency).
The latency can also be configured to fixed or variable by programming bit BCR14. By default,
the Latency Type is set to variable. Synchronous Read operations are performed in both fixed
and variable latency mode while Synchronous Write operations are only performed with fixed
latency.
See Figures 24, 26, and Figures 30, 31, for details on Synchronous Read and Write AC
waveforms, respectively.
6.3.1
Variable Latency
In Variable Latency mode, the latency programmed in the BCR is not guaranteed and is
maintained only if there is no conflict with a refresh operation. The Latency set in the BCR is
applicable only for an initial burst read access, when no refresh request is pending. For a given
latency value, the Variable Latency mode allows higher operating frequencies than the Fixed
Latency mode (see Table 4: Operating Frequency versus Latency and Figure 3: Latency
Configuration (Variable Latency Mode, No Refresh Collision)).
Burst Write operations are always performed at fixed latency, even if BCR14 is configured to
Variable Latency (see Section 6.3.2: Fixed Latency).
Monitoring of the WAIT signal is recommended for reliable operation in this mode. See Figure
24. and 31 for details on Synchronous Burst Read and Write AC waveforms in Variable Latency
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com