Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 18 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 14Page - STMicroelectronics M69KB096AB Datasheet HTML 15Page - STMicroelectronics M69KB096AB Datasheet HTML 16Page - STMicroelectronics M69KB096AB Datasheet HTML 17Page - STMicroelectronics M69KB096AB Datasheet HTML 18Page - STMicroelectronics M69KB096AB Datasheet HTML 19Page - STMicroelectronics M69KB096AB Datasheet HTML 20Page - STMicroelectronics M69KB096AB Datasheet HTML 21Page - STMicroelectronics M69KB096AB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
6 Synchronous Operating modes
M69KB096AB
18/73
6
Synchronous Operating modes
The synchronous modes allow high-speed read and write operations synchronized with the
clock.
The M69KB096AB supports two types of synchronous modes:
●
NOR-Flash:- this mode greatly simplifies the interfacing with traditional burst-mode Flash
memory microcontrollers.
●
Full Synchronous: both read and write are performed in Synchronous mode.
All the options related to the synchronous modes can be configured through the Bus
Configuration Register, BCR. In particular, the device is put in Synchronous mode, either NOR-
Flash or Full Synchronous, by setting bit BCR15 of the Bus Configuration Register to ‘0’.
The device will automatically detect whether the NOR-Flash or the Full Synchronous mode is
being used by monitoring the Clock, K, and the Latch Enable, L, signals. If a rising edge of the
Clock K is detected while L is held Low, VIL (active), the device operates in Full Synchronous
mode.
6.1
NOR-Flash Synchronous mode
In this mode, the device operates in synchronous mode for read operations, and in
asynchronous mode for write operations.
Asynchronous write operations are performed at Word level, with LB and UB Low. The data is
latched on E, W, LB, UB, whichever occurs first. RCR and BCR registers can be programmed in
NOR-Flash Asynchronous Write mode, using the CR controlled method (see Section 7.1:
Programming and Reading Registers using the CR Controlled Method). A Program
Configuration Register operation can only be issued if the device is in idle state and no burst
operations are in progress. NOR-Flash Asynchronous Write operations are described in
Table 5: Asynchronous Write Operations (NOR-Flash Synchronous Mode).
Synchronous read operations are also performed at Word level. They are controlled by the
state of E, L, G, W, LB and UB signals when a rising edge of the clock signal, K, occurs. The
initial Burst Read access latches the Burst start address. The number of Words to be output is
controlled by bits 0 to 2 of the BCR. The first data will be output after a number of clock cycles,
also called Latency. NOR-Flash Synchronous Burst Read operations are described in Table 6:
Synchronous Read Operations (NOR-Flash Synchronous Mode).
When a Burst Write operation is initiated or when switching from NOR-Flash mode to Full
Synchronous mode, the delay from E Low to Clock High, tELKH, should not exceed 20ns.
However, when it is not possible to meet these specifications, special care must be taken to
keep addresses stable after driving the Write Enable signal, W, Low.
Write operations are considered as Asynchronous operations until the device detects a valid
clock edge and hence the address setup time of tAVWL must be satisfied (see Figure 5:
Switching from Asynchronous to Synchronous Write Operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com