Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 69 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 65Page - STMicroelectronics M69KB096AB Datasheet HTML 66Page - STMicroelectronics M69KB096AB Datasheet HTML 67Page - STMicroelectronics M69KB096AB Datasheet HTML 68Page - STMicroelectronics M69KB096AB Datasheet HTML 69Page - STMicroelectronics M69KB096AB Datasheet HTML 70Page - STMicroelectronics M69KB096AB Datasheet HTML 71Page - STMicroelectronics M69KB096AB Datasheet HTML 72Page - STMicroelectronics M69KB096AB Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
M69KB096AB
10 Wafer and die specifications
69/73
34
A14
1,923.17
2,342.81
0.0757153
0.0922367
35
A15
2,042.17
2,342.81
0.0804003
0.0922367
36
A16
2,161.17
2,342.81
0.0850853
0.0922367
37
WAIT
2,139.96
-2,317.02
0.0842504
-0.0912211
38
DQ15
1,961.46
-2,317.02
0.0772228
-0.0912211
39
DQ7
1,842.46
-2,317.02
0.0725378
-0.0912211
40
VCCQ
1,723.46
-2,317.02
0.0678528
-0.0912211
41
VSSQ
1,604.46
-2,317.02
0.0631677
-0.0912211
42
DQ14
1,485.46
-2,317.02
0.0584827
-0.0912211
43
DQ6
1,366.46
-2,317.02
0.0537976
-0.0912211
44
DQ13
1,247.46
-2,317.02
0.0491126
-0.0912211
45
DQ5
1,128.46
-2,317.02
0.0444276
-0.0912211
46
VCCQ
1,009.46
-2,317.02
0.0397425
-0.0912211
47
VSSQ
890.46
-2,317.02
0.0350575
-0.0912211
48
DQ12
771.46
-2,317.02
0.0303724
-0.0912211
49
DQ4
652.46
-2,317.02
0.0256874
-0.0912211
50
NC
533.46
-2,317.02
0.0210024
-0.0912211
51
DNU(2)
414.46
-2,317.02
0.0163173
-0.0912211
52
DNU(2)
295.46
-2,317.02
0.0116323
-0.0912211
53
DNU(2)
176.46
-2,317.02
0.0069472
-0.0912211
54
VSS
57.46
-2,317.02
0.0022622
-0.0912211
55
VCC
-180.54
-2,317.02
-0.0071079
-0.0912211
56
DNU(2)
-299.54
-2,317.02
-0.0117929
-0.0912211
57
DNU(2)
-418.54
-2,317.02
-0.0164780
-0.0912211
58
DNU(2)
-537.54
-2,317.02
-0.0211630
-0.0912211
59
G
-656.54
-2,317.02
-0.0258480
-0.0912211
60
DQ11
-775.54
-2,317.02
-0.0305331
-0.0912211
61
DQ3
-894.54
-2,317.02
-0.0352181
-0.0912211
62
VSSQ
-1,013.54
-2,317.02
-0.0399031
-0.0912211
63
VCCQ
-1,132.54
-2,317.02
-0.0445882
-0.0912211
64
DQ10
-1,251.54
-2,317.02
-0.0492732
-0.0912211
65
DQ2
-1,370.54
-2,317.02
-0.0539583
-0.0912211
66
DQ9
-1,489.54
-2,317.02
-0.0586433
-0.0912211
67
DQ1
-1,608.54
-2,317.02
-0.0633283
-0.0912211
68
VSSQ
-1,727.54
-2,317.02
-0.0680134
-0.0912211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com