Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 36 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 32Page - STMicroelectronics M69KB096AB Datasheet HTML 33Page - STMicroelectronics M69KB096AB Datasheet HTML 34Page - STMicroelectronics M69KB096AB Datasheet HTML 35Page - STMicroelectronics M69KB096AB Datasheet HTML 36Page - STMicroelectronics M69KB096AB Datasheet HTML 37Page - STMicroelectronics M69KB096AB Datasheet HTML 38Page - STMicroelectronics M69KB096AB Datasheet HTML 39Page - STMicroelectronics M69KB096AB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
7 Configuration Registers
M69KB096AB
36/73
7.5
Device ID Register
The Device ID Register (DIDR) is a read-only register that contains the Manufacturer code. It is
preprogrammed by STMicroelectronics and cannot be modified by the user.
Refer to Table 12 for the description of the Bus Configuration Register Bits.
Table 12.
Device ID Register Definition
Address
Bits
Device ID
Register Bits
Name
Value
Description
A15
DIDR15
Row Length
0
128 Words
A14-A11
DIDR14-DIDR11
Design Version
0000
A
0001
B
0010
C
0011
D
1111
P
Other Configurations Reserved
A10-A8
DIDR10-DIDR8
Device Density
000
16 Mbits
001
32 Mbits
010
64 Mbits
011
128 Mbits
100
256 Mbits
Other Configurations Reserved
A7-A5
DIDR7-DIDR5
PSRAM Generation
001
1.0
010
1.5
011
2.0
Other Configurations Reserved
A4-A0
DIDR4-DIDR0
Device ID
00001
Cypress
00010
Infineon
00011
Micron
00100
Renesas
01111
STMicroelectronics
Other Configurations Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com