Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 23 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 19Page - STMicroelectronics M69KB096AB Datasheet HTML 20Page - STMicroelectronics M69KB096AB Datasheet HTML 21Page - STMicroelectronics M69KB096AB Datasheet HTML 22Page - STMicroelectronics M69KB096AB Datasheet HTML 23Page - STMicroelectronics M69KB096AB Datasheet HTML 24Page - STMicroelectronics M69KB096AB Datasheet HTML 25Page - STMicroelectronics M69KB096AB Datasheet HTML 26Page - STMicroelectronics M69KB096AB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
M69KB096AB
6 Synchronous Operating modes
23/73
Table 7.
Full Synchronous Mode
Synchronous
Mode
Power
K
E
L
W
G
LB,
UB
WAIT
CR
A19
A18
A0-
A22(1)
1.
Except A18 and A19.
DQ15-
DQ0
Initial Burst
Read
Active
(ICC)
!
VIL
VIL
VIH
X
VIL
Low-Z
VIL
Valid
Valid
Valid
X
Subsequent
Burst Read(2)
2.
Burst Read Interrupt, Suspend, Terminate and Burst Write Interrupt, Suspend and Terminate are described in dedicated
paragraph of the Section 6: Synchronous Operating modes.
!
VIL
VIH
X
VIL
VIL
VIL
XX
Output
Valid
Initial Burst
Write
!
VIL
VIL
VIL
VIH
X
VIL
Valid
Valid
Valid
Input
Valid
Subsequent
Burst Write
!
VIL
VIH
X
VIH
VIL
XX
X
X
Input
Valid
Program
Configuration
Register
(CR
Controlled)
!
VIL
VIL
VIL
VIH
X
VIH
00(RCR)
10(BCR)
RCR/
BCR
Data
X
Read
Configuration
Register
(CR
Controlled
Method)
!
VIL
VIL
VIH
VIL
VIL
VIH
00(RCR)
10(BCR)
X1(DIDR)
X
RCR/
BCR/
DIDR
Content
No Operation
Active
(ICC)
!
VIL
VIH
VIH
VIH
X
VIL
XHigh-Z
Standby
Standby
(IPASR)
VIL VIH
XX
X
X
High-Z
VIL
XHigh-Z
Deep Power-
Down
Deep
Power-
Down
(ICCPD)
VIL VIH
XX
X
X
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com