Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 66 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 66 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 62Page - STMicroelectronics M69KB096AB Datasheet HTML 63Page - STMicroelectronics M69KB096AB Datasheet HTML 64Page - STMicroelectronics M69KB096AB Datasheet HTML 65Page - STMicroelectronics M69KB096AB Datasheet HTML 66Page - STMicroelectronics M69KB096AB Datasheet HTML 67Page - STMicroelectronics M69KB096AB Datasheet HTML 68Page - STMicroelectronics M69KB096AB Datasheet HTML 69Page - STMicroelectronics M69KB096AB Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
10 Wafer and die specifications
M69KB096AB
66/73
10
Wafer and die specifications
Table 24.
Dimensions
Wafer Diameter
200mm (8")
Wafer Thickness
750± 25µm (29.5±1.0mil)
Die Size (stepping interval)
5,009.365µm x 5,005.795µm
Street Width Along X-Axis (dsw_X) 102µm
Street Width Along Y-Axis (dsw_Y) 102µm
Center of Street (COS) (relative to
Bond Pad 1)
X = -222.98µm, Y = 160.08µm (X = -8.779mil, Y = 6.303mil)
Bond Pad Size
85µm x 100µm (3.35mil x 3.94mil)
Passivation Openings (MIN)
75µm x 90µm (2.95mil x 3.54mil)
Minimum Bond Pad Pitch
119.00µm (4.685mil)
Pad Count
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com