Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 14 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 10Page - STMicroelectronics M69KB096AB Datasheet HTML 11Page - STMicroelectronics M69KB096AB Datasheet HTML 12Page - STMicroelectronics M69KB096AB Datasheet HTML 13Page - STMicroelectronics M69KB096AB Datasheet HTML 14Page - STMicroelectronics M69KB096AB Datasheet HTML 15Page - STMicroelectronics M69KB096AB Datasheet HTML 16Page - STMicroelectronics M69KB096AB Datasheet HTML 17Page - STMicroelectronics M69KB096AB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
4 Low-power modes
M69KB096AB
14/73
4.3
Partial Array Self Refresh
The Partial Array Self Refresh (PASR) performs a limited refresh of part of the PSRAM array.
This mechanism enables the device to reduce the Standby current by refreshing only the part of
the memory array that contains essential data. Different refresh options can be defined by
setting the RCR0 to RCR2 bits of the RCR:
●
Full array
●
One eighth of the array
●
One half of the array
●
One quarter of the array
●
None of the array.
These memory areas can be located either at the top or bottom of the memory array.
The WAIT signal is used for arbitration when a read/write operation is launched while an on-
chip refresh is in progress. If locations are addressed while they are undergoing refresh, the
WAIT signal will be asserted for additional clock cycles, until the refresh has completed (see
Figure 6: Refresh Collision during Synchronous Burst Read in Variable Latency Mode). When
the refresh operation is completed, the read or write operation will be allowed to continue
normally.
4.4
Automatic Temperature Compensated Self Refresh
The leakage current of DRAM capacitive storage elements increases with the temperature. At
lower temperatures, the refresh rate can be decreased to minimize the Standby current.
The M69KB096AB is based on DRAM architecture, consequently it requires increasingly
frequent refresh operations to maintain data integrity as the temperature increases. The
Automatic Temperature Compensated Self Refresh mechanism (TCSR) that the devices
feature, automatically adjusts the refresh rate depending on the operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com