Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 65 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 65 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 61Page - STMicroelectronics M69KB096AB Datasheet HTML 62Page - STMicroelectronics M69KB096AB Datasheet HTML 63Page - STMicroelectronics M69KB096AB Datasheet HTML 64Page - STMicroelectronics M69KB096AB Datasheet HTML 65Page - STMicroelectronics M69KB096AB Datasheet HTML 66Page - STMicroelectronics M69KB096AB Datasheet HTML 67Page - STMicroelectronics M69KB096AB Datasheet HTML 68Page - STMicroelectronics M69KB096AB Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
M69KB096AB
9 DC and AC parameters
65/73
Table 23.
Power-Up and Deep Power-Down AC Characteristics
Figure 34. Power-Up AC Waveforms
1.
Power must be applied to VCC prior to or at the same time as VCCQ.
Figure 35. Deep Power-Down Entry and Exit AC Waveforms
Symbol
Alt.
Parameter
Min
Max
Unit
tPU
tPU
Initialization delay after Power-Up or Deep Power-Down Exit
150
µs
tEHEL(DP)
tDPD
Deep Power-Down Entry to Deep Power-Down Exit
10
µs
tELEH(DP)
tDPDX
Chip Enable Low to Deep Power-Down Exit
10
µs
AI09465d
VCC, VCCQ
tPU
1.7V
Device Ready
for Normal Operation
Device Initialization
E
AI11306
tEHEL(DP)
Device Ready
for Normal Operation
E
tELEH (DP)
Deep Power-Down
Mode
Deep Power-Down
Entry (RCR4= 0)
Deep Power-Down
Exit
tPU
Device Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com