Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 56 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 52Page - STMicroelectronics M69KB096AB Datasheet HTML 53Page - STMicroelectronics M69KB096AB Datasheet HTML 54Page - STMicroelectronics M69KB096AB Datasheet HTML 55Page - STMicroelectronics M69KB096AB Datasheet HTML 56Page - STMicroelectronics M69KB096AB Datasheet HTML 57Page - STMicroelectronics M69KB096AB Datasheet HTML 58Page - STMicroelectronics M69KB096AB Datasheet HTML 59Page - STMicroelectronics M69KB096AB Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
9 DC and AC parameters
M69KB096AB
56/73
Figure 26. Burst Read Showing End-of-Row Condition AC Waveforms (No Wrap)
1.
The WAIT signal is active Low (BCR10=0), and is asserted during delay (BCR8=0).
2.
The Chip Enable signal, E, must go High before the third Clock cycle after the WAIT signal goes Low. If BCR8 were set to
1, E would have to go Low before the fourth Clock cycle after WAIT signal goes Low.
Addr.
DQ0-DQ15
K
tKHTV
tKHKH
tKLKH, tKHKL
tF
WAIT
AI11574
E
G
LB/UB
W
DON'T CARE
DON'T CARE
tEHTZ
L
VALID
OUTPUT
VALID
OUTPUT
Low
Low
Low
High
Note 2
tEHTZ
High-Z
End of Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com