Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 12 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 8Page - STMicroelectronics M69KB096AB Datasheet HTML 9Page - STMicroelectronics M69KB096AB Datasheet HTML 10Page - STMicroelectronics M69KB096AB Datasheet HTML 11Page - STMicroelectronics M69KB096AB Datasheet HTML 12Page - STMicroelectronics M69KB096AB Datasheet HTML 13Page - STMicroelectronics M69KB096AB Datasheet HTML 14Page - STMicroelectronics M69KB096AB Datasheet HTML 15Page - STMicroelectronics M69KB096AB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
2 Signal descriptions
M69KB096AB
12/73
2.13
VCC Supply Voltage
The VCC Supply Voltage is the core supply voltage.
2.14
VCCQ Supply Voltage
VCCQ provides the power supply for the I/O pins. This allows all Outputs to be powered
independently from the core power supply, VCC.
2.15
VSS Ground.
The VSS Ground is the reference for all voltage measurements.
2.16
VSSQ Ground
VSSQ ground is the reference for the input/output circuitry driven by VCCQ. VSSQ must be
connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com