Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 51 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 47Page - STMicroelectronics M69KB096AB Datasheet HTML 48Page - STMicroelectronics M69KB096AB Datasheet HTML 49Page - STMicroelectronics M69KB096AB Datasheet HTML 50Page - STMicroelectronics M69KB096AB Datasheet HTML 51Page - STMicroelectronics M69KB096AB Datasheet HTML 52Page - STMicroelectronics M69KB096AB Datasheet HTML 53Page - STMicroelectronics M69KB096AB Datasheet HTML 54Page - STMicroelectronics M69KB096AB Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
M69KB096AB
9 DC and AC parameters
51/73
Figure 22. CR Controlled Configuration Register Program, Asynchronous Mode
1.
Only the content of the Bus Configuration Register (BCR) and Refresh Configuration Register (RCR) can be modified.
2.
Data Inputs/Outputs are not used.
3.
The Opcode is the value to be written the configuration register.
4.
W must go High after L goes High
5.
CR is latched on the rising edge of L. There is no setup requirement of CR with respect to E.
AI11571
Addr.
(Except A18-A19)
OPCODE(3)
L
E
G
W
A18-A19
00(RCR), 01 (BCR)
tLLLH
tWLWH
CR
A0-A15 Latched
into Register
tRHLH
tLHRL
LB, UB
Access to Configuration Register
tLHAX
tAVLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com