Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB Datasheet(PDF) 35 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 31Page - STMicroelectronics M69KB096AB Datasheet HTML 32Page - STMicroelectronics M69KB096AB Datasheet HTML 33Page - STMicroelectronics M69KB096AB Datasheet HTML 34Page - STMicroelectronics M69KB096AB Datasheet HTML 35Page - STMicroelectronics M69KB096AB Datasheet HTML 36Page - STMicroelectronics M69KB096AB Datasheet HTML 37Page - STMicroelectronics M69KB096AB Datasheet HTML 38Page - STMicroelectronics M69KB096AB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
M69KB096AB
7 Configuration Registers
35/73
Table 11.
Refresh Configuration Register Definition
Address
Bits
Refresh
Configuration
Register Bits
Name
Value
Description
A15-A8
-
-
Must be set to ‘0’ Reserved
A7
RCR7
Page Mode
Operation Bit
0
Page Read Mode Disabled (Default)
1
Page Read Mode Enabled
A6-A5
-
-
Must be set to ‘0’ Reserved
A4
RCR4
Deep Power-
Down Bit
0
Deep Power-Down Enabled
1
Deep Power-Down Disabled (Default)
A3
-
-
Must be set to ‘0’ Reserved
A2-A0
RCR2-RCR0
Partial Array
Refresh Bits
000
Full Array Refresh (Default)
001
Refresh of the Bottom Half of the Array
010
Refresh of the Bottom Quarter of the Array
011
Refresh of the Bottom Eighth of the Array
100
None of the Array
101
Refresh of the Top Half of the Array
110
Refresh of the Top Quarter of the Array
111
Refresh of the Top Eighth of the Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com