Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 18 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 18 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 14Page - Microchip Technology AT24CSW04X Datasheet HTML 15Page - Microchip Technology AT24CSW04X Datasheet HTML 16Page - Microchip Technology AT24CSW04X Datasheet HTML 17Page - Microchip Technology AT24CSW04X Datasheet HTML 18Page - Microchip Technology AT24CSW04X Datasheet HTML 19Page - Microchip Technology AT24CSW04X Datasheet HTML 20Page - Microchip Technology AT24CSW04X Datasheet HTML 21Page - Microchip Technology AT24CSW04X Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
AT24CSW04X) or 10-bit (in the case of the AT24CSW08X) memory array word address and is used to specify
which byte location in the EEPROM to start reading or writing. Refer to Table 6-5 to review these bit positions.
When accessing the Security register, it is required that the A7 and A6 bits of the word address be set to '10'
respectively. These bits are at a higher order address range than what is needed to address the 32‑byte space
(A4 through A0). It is recommended that all address bits that fall outside the address range that do not have other
requirements be set to a logic '0'.
Table 6-5. Word Address Byte
Device
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EEPROM Array
A7
A6
A5
A4
A3
A2
A1
A0
Security Register
1
0
X
A4
A3
A2
A1
A0
Security Register Lock Function
0
1
1
0
X
X
X
X
Write Protection Register
1
1
X
X
X
X
X
X
AT24CSW04X/AT24CSW08X
Memory Organization
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com