Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 20 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 20 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 16Page - Microchip Technology AT24CSW04X Datasheet HTML 17Page - Microchip Technology AT24CSW04X Datasheet HTML 18Page - Microchip Technology AT24CSW04X Datasheet HTML 19Page - Microchip Technology AT24CSW04X Datasheet HTML 20Page - Microchip Technology AT24CSW04X Datasheet HTML 21Page - Microchip Technology AT24CSW04X Datasheet HTML 22Page - Microchip Technology AT24CSW04X Datasheet HTML 23Page - Microchip Technology AT24CSW04X Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Figure 7-2.  Page Write
SCL
SDA
Start
by
Host
ACK
from
Client
ACK
from
Client
Device Address Byte
Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
#
@
A8
0
0
ACK
from
Client
Stop
by
Host
ACK
from
Client
Data Word (n)
Data Word (n+x), max of 16 without rollover
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
MSb
MSb
A7 A6 A5
A4
A3 A2 A1
A0
0
D7 D6 D5 D4 D3 D2 D1 D0
0
D7 D6 D5 D4 D3 D2 D1 D0
0
(1)
(2)
Notes: 
1.
For the AT24CSW04X, the @ indicates the A1 Hardware Address bit which is managed by the ordering code
(see Table 6-3). For theAT24CSW08X, the @ indicates the A9 address bit.
2.
# indicates the hardware address value which is managed by the ordering code of the device (see Table 6-3
and Table 6-4).
7.3
Acknowledge Polling
An Acknowledge Polling routine can be implemented to optimize time-sensitive applications that would prefer not to
wait the fixed maximum write cycle time (tWR). This method allows the application to know immediately when the
Serial EEPROM write cycle has completed, so a subsequent operation can be started.
Once the internally self-timed write cycle has started, an Acknowledge Polling routine can be initiated. This involves
repeatedly sending a Start condition followed by a valid device address byte with the R/W bit set at logic ‘0’. The
device will not respond with an ACK while the write cycle is ongoing. Once the internal write cycle has completed, the
EEPROM will respond with an ACK, allowing a new read or write operation to be immediately initiated. A flowchart
has been included below in Figure 7-3 to better illustrate this technique.
Figure 7-3. Acknowledge Polling Flowchart
Did
the device
ACK?
Send any
Write
protocol.
Send
Stop
condition
to initiate the
Write cycle.
Send Start
condition followed
by a valid
Device Address
byte with R/W = 0.
Proceed to
next Read or
Write operation.
NO
YES
AT24CSW04X/AT24CSW08X
Write Operations
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com