Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 17 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 17 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 13Page - Microchip Technology AT24CSW04X Datasheet HTML 14Page - Microchip Technology AT24CSW04X Datasheet HTML 15Page - Microchip Technology AT24CSW04X Datasheet HTML 16Page - Microchip Technology AT24CSW04X Datasheet HTML 17Page - Microchip Technology AT24CSW04X Datasheet HTML 18Page - Microchip Technology AT24CSW04X Datasheet HTML 19Page - Microchip Technology AT24CSW04X Datasheet HTML 20Page - Microchip Technology AT24CSW04X Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
The eighth bit (bit 0) of the device address byte is the Read/Write Select bit. A read operation is initiated if this bit is
high and a write operation is initiated if this bit is low.
Upon the successful comparison of the device address byte, the AT24CSW04X/AT24CSW08X will return an ACK. If
a valid comparison is not made, the device will NACK.
Note:  While the lower order 16 bytes of the Security register are read‑only, the device will ACK if the Read/Write
Select bit is a logic ‘0’.
Table 6-1. Device Address Byte AT24CSW04X
Memory Region
Device Type Identifier Hardware Address Bits
MSB Memory
Address
R/W Select
Bit 7 Bit 6 Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EEPROM Array
1
0
1
0
A2
A1
A8
R/W
Security Register and Write
Protection Register
1
0
1
1
A2
A1
A8
R/W
Table 6-2. Device Address Byte AT24CSW08X
Memory Region
Device Type Identifier
Hardware Address
Bit
MSBs Memory Address R/W Select
Bit 7 Bit 6 Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EEPROM Array
1
0
1
0
A2
A9
A8
R/W
Security Register and
Write Protection Register
1
0
1
1
A2
A9
A8
R/W
Table 6-3. AT24CSW04X Hardware Address Response by Part Number
Part Number Series
Hardware Address Bits
4-Kbit
A2
A1
AT24CSW040
0
0
AT24CSW042(1)
0
1
AT24CSW044(1)
1
0
AT24CSW046(1)
1
1
Note: 
1.
Contact your local sales representative for hardware client address availability.
Table 6-4. AT24CSW08X Hardware Address Response by Part Number
Part Number Series
Hardware Address Bit
8-Kbit
A2
AT24CSW080
0
AT24CSW084(1)
1
Note: 
1.
Contact your local sales representative for hardware client address availability.
For all operations except the current address read, a word address byte must be transmitted to the device
immediately following the device address byte. The word address byte contain a 9-bit (in the case of the
AT24CSW04X/AT24CSW08X
Memory Organization
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com