Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 24 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 24 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 20Page - Microchip Technology AT24CSW04X Datasheet HTML 21Page - Microchip Technology AT24CSW04X Datasheet HTML 22Page - Microchip Technology AT24CSW04X Datasheet HTML 23Page - Microchip Technology AT24CSW04X Datasheet HTML 24Page - Microchip Technology AT24CSW04X Datasheet HTML 25Page - Microchip Technology AT24CSW04X Datasheet HTML 26Page - Microchip Technology AT24CSW04X Datasheet HTML 27Page - Microchip Technology AT24CSW04X Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
These bits allow four levels of protection of the memory array, provided that the WPRE bit is a logic ‘1’. If the
WPRE bit is a logic ‘0’, the state of the WPB[1:0] bits have no impact on device protection. The protected
address ranges are found in Table 8-6.
• Write-Protect Lock Bit (WPRL), Bit 0
This bit is used to permanently lock the current state of the WPR. A logic ‘0’ indicates that the WPR can be
modified, whereas a logic ‘1’ indicates the WPR was locked and can no longer be modified. To safeguard
against accidental locking of the WPR, the D5 bit must match the WPRL bit (D0 bit) sent to the device. If these
bits do not match, the write cycle is aborted and the WPR contents are not modified.
8.2.1
Protected Address Ranges Set by WPB1 and WPB0
The EEPROM array in the AT24CSW04X/AT24CSW08X will be protected from writing in accordance with the WPB1
and WPB0 bit values as long as the WPRE bit is set to logic ‘1’. If the WPRE bit is set to logic ‘0’, no portion of the
EEPROM array will be protected. The combination of these three bits creates five possible levels of protection for the
device. The protected address ranges of the memory are shown in Table 8-6.
Table 8-6. Word Address Byte Requirements for Accessing the Write Protection Register
Protection
Level
WPRE
WPB1
WPB0
Protected Address Range
Unprotected Address Range
4-Kbit
8-Kbit
4-Kbit
8-Kbit
None
0
X
X
None
None
000h‑1FFh
000h‑3FFh
Upper ¼
1
0
0
180h‑1FFh
300h‑3FFh
000h‑17Fh
000h‑2FFh
Upper ½
1
0
1
100h‑1FFh
200h‑3FFh
000h‑0FFh
000h‑1FFh
Upper ¾
1
1
0
080h‑1FFh
100h‑3FFh
000h‑07Fh
000h‑0FFh
Full Array
1
1
1
000h‑1FFh
000h‑3FFh
None
None
8.3
Writing to the Write Protection Register
When writing the WPR, data bit 7 through 4 are used to ensure that a write operation was intentional. For all write
operations to the WPR, bit 6 must be a logic ‘1’ as seen in Table 8-4.
Additionally, data bit 5 must be set in accordance with the D0 bit value (WPRL) as noted below. If the WPR is to
remain unlocked, then the upper nibble sent during the write operation would be 4h and D0 must be a logic ‘0’,
whereas if the WPR is to be permanently locked, the upper nibble would need to be 6h and D0 must be a logic ‘1’. A
mismatch of D5 and the WPRL bit will cause the write cycle to abort.
Sending more than one byte to the AT24CSW04X/AT24CSW08X when trying to write to the WPR will cause the write
cycle to abort and the contents of the WPR will not be changed. Additionally, if the WPR is already locked (WPRL =
1), the write cycle will not execute and the device will be ready for a new operation.
Figure 8-2. Write Protection Register Write
SCL
SDA
Device Address Byte
Reserved Word Address Byte
WPR Contents
Start
by
Host
ACK
from
Client
MSb
MSb
Stop
by
Host
MSb
1
2
3
4
5
6
7
8
9
1
0
1
1
#(2) @(1) X
0
0
1
2
3
4
5
6
7
8
9
0
1
D5
0
D3 D2 D1 D0
0
1
1
X
X
X
X
X
X
0
1
2
3
4
5
6
7
8
9
ACK
from
Client
ACK
from
Client
Notes: 
1.
For the AT24CSW04X, the @ indicates the A1 Address bit which is managed by the ordering code of the
device (see Table 6-3). For the AT24CSW08X, the @ indicates the A9 address bit.
2.
# indicates the hardware address value which is managed by the ordering code of the device (see Table 6-3
and Table 6-4).
AT24CSW04X/AT24CSW08X
Write Protection
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com