Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 7 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 7 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 3Page - Microchip Technology AT24CSW04X Datasheet HTML 4Page - Microchip Technology AT24CSW04X Datasheet HTML 5Page - Microchip Technology AT24CSW04X Datasheet HTML 6Page - Microchip Technology AT24CSW04X Datasheet HTML 7Page - Microchip Technology AT24CSW04X Datasheet HTML 8Page - Microchip Technology AT24CSW04X Datasheet HTML 9Page - Microchip Technology AT24CSW04X Datasheet HTML 10Page - Microchip Technology AT24CSW04X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
3.
Description
The AT24CSW04X/AT24CSW08X provides 4,096/8,192 bits of Serial Electrically Erasable and Programmable
Read‑Only Memory (EEPROM) organized as 512/1,024 words of 8 bits each. The device is optimized for use in
many industrial and commercial applications where low-power and low-voltage operation are essential.
The device features a software write protection feature with five different programmable levels of protection for the
EEPROM array. The protection settings of the device can be made permanent if desired. Safeguards are included to
prevent accidental invocation of the permanent feature.
Additionally, each device includes a Security register with an extra 256 bits of EEPROM beyond the nominal
EEPROM array. The Security register is comprised of a read-only section of 16 bytes and an additional user-
programmable section of 16 bytes.
The Security register begins with a read-only section that contains a factory‑programmed ensured unique
128‑bit serial number. The time-consuming step of performing and ensuring true serialization of a product on a
manufacturing line can be removed from the production flow by employing a CS or CSW Series Serial EEPROM.
The 128‑bit serial number is programmed and permanently locked from future writing during the Microchip production
process. Further, this 128‑bit location does not consume any of the user read/write area of the 4‑Kbit or 8‑Kbit Serial
EEPROM. The uniqueness of the serial number is ensured across the entire CS or CSW Series of Serial EEPROMs,
regardless of the size of the memory array or the type of interface protocol. This means that as an application’s
needs for memory size or interface protocol evolve in future generations, any previously deployed serial number from
any CS or CSW Series Serial EEPROM part will remain valid.
Following the 128‑bit read‑only serial number in the Security register is an additional 16 bytes of EEPROM organized
as one page of 16 bytes. This region of the Security register is user‑programmable and, if so desired, can later be
permanently write‑protected with a software sequence. This user‑programmable section of the Security register is
ideal for applications that need to irreversibly protect critical or sensitive application data.
The AT24CSW04X/AT24CSW08X is available in 5‑lead SOT23 and best‑in‑class 4‑ball Ultra‑Thin WLCSP packages
and is accessed via an I2C‑compatible two‑wire serial interface. Other package options are available upon request.
The device operates with a supply voltage ranging from 1.7V to 3.6V.
3.1
System Configuration Using Two-Wire Serial EEPROMs
I2C Bus Host:
Microcontroller
VCC
GND
SCL
SDA
RPUP(max) = tR(max)
0.8473 x CL
RPUP(min) = VCC - VOL(max)
IOL
Client 0
AT24CSW040
AT24CSW080
VCC
WP
SDA
SCL
GND
VCC
Client 3
AT24CSW046
VCC
WP
SDA
SCL
GND
Client 1
AT24CSW042
AT24CSW084
VCC
WP
SDA
SCL
GND
WP
Notes: 
1.
Only two devices can be connected when using the AT24CSW08X.
2.
The WP pin is only available on the 5-lead SOT23 package.
AT24CSW04X/AT24CSW08X
Description
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com