Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 9 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 9 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 5Page - Microchip Technology AT24CSW04X Datasheet HTML 6Page - Microchip Technology AT24CSW04X Datasheet HTML 7Page - Microchip Technology AT24CSW04X Datasheet HTML 8Page - Microchip Technology AT24CSW04X Datasheet HTML 9Page - Microchip Technology AT24CSW04X Datasheet HTML 10Page - Microchip Technology AT24CSW04X Datasheet HTML 11Page - Microchip Technology AT24CSW04X Datasheet HTML 12Page - Microchip Technology AT24CSW04X Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
4.
Electrical Characteristics
4.1
Absolute Maximum Ratings
Temperature under bias
-55°C to +125°C
Storage temperature
-65°C to +150°C
VCC
4.1V
Voltage on any pin with respect to ground
-0.6V to VCC +0.5V
DC output current
5.0 mA
ESD protection
> 4 kV
Note:  Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
4.2
DC and AC Operating Range
Table 4-1. DC and AC Operating Range
AT24CSW04X/AT24CSW08X
Operating Temperature (Case)
Industrial Temperature Range
-40°C to +85°C
VCC Power Supply
Low-Voltage Grade
1.7V to 3.6V
4.3
DC Characteristics
Table 4-2. DC Characteristics
Parameter
Symbol
Minimum
Typical(1)
Maximum
Units
Test Conditions
Supply Voltage
VCC
1.7
—
3.6
V
Supply Current
ICC1
—
0.08
0.3
mA
VCC = 1.8V(2), Read at 400 kHz
—
0.15
0.5
mA
VCC = 3.6V, Read at 1 MHz
Supply Current
ICC2
—
0.20
1.0
mA
VCC = 3.6V, Write at 1 MHz
Standby Current
ISB
—
0.08
0.4
μA
VCC = 1.8V(2), VIN = VCC or GND
—
0.10
0.8
μA
VCC = 3.6V, VIN = VCC or GND
Input
Leakage Current
ILI
—
0.10
3.0
μA
VIN = VCC or GND
Output
Leakage Current
ILO
—
0.05
3.0
μA
VOUT = VCC or GND
Input Low Level
VIL
-0.6
—
VCC x 0.3
V
Note 2
Input High Level
VIH
VCC x 0.7
—
VCC + 0.5
V
Note 2
Output Low Level
VOL1
—
—
0.2
V
VCC = 1.8V, IOL = 0.15 mA
AT24CSW04X/AT24CSW08X
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com