Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 30 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 30 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 26Page - Microchip Technology AT24CSW04X Datasheet HTML 27Page - Microchip Technology AT24CSW04X Datasheet HTML 28Page - Microchip Technology AT24CSW04X Datasheet HTML 29Page - Microchip Technology AT24CSW04X Datasheet HTML 30Page - Microchip Technology AT24CSW04X Datasheet HTML 31Page - Microchip Technology AT24CSW04X Datasheet HTML 32Page - Microchip Technology AT24CSW04X Datasheet HTML 33Page - Microchip Technology AT24CSW04X Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Figure 10-1. Serial Number Read
SCL
SDA
Start by
Host
ACK from
Client
ACK from
Client
Device Address Byte
Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
1
#(2) @(1) X
0
0
1
0
X
0
0
0
0
0
0
ACK
from
Client
NACK
from
Host
Stop
by
Host
ACK
from
Host
Device Address Byte
Serial Number Byte 80h
Serial Number Byte 8Fh
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
1
#(2) @(1) X
1
0
D7 D6 D5 D4 D3 D2 D1 D0
0
D7 D6 D5 D4 D3 D2 D1 D0
1
MSb
MSb
MSb
Dummy Write
Start
by
Host
Notes: 
1.
For the AT24CSW04X, the @ indicates the A1 Address bit which is managed by the ordering code of the
device (see Table 6-3). For the AT24CSW08X, the @ indicates the A9 address bit.
2.
# indicates the hardware address value which is managed by the ordering code of the device (see Table 6-3
and Table 6-4).
10.3
Write Operations in the Security Register
The Security register supports byte writes, page writes and partial page writes in the upper 16 bytes of the region.
Page writes and partial page writes in the Security register have the same page boundary restrictions and behavior
as they do in the EEPROM region (see Page Write).
Writing in the Security register requires beginning the device address byte with 1011b (Bh), matching the hardware
address bits (A2, A1) to the corresponding value determined by the ordering code of the device (see Table 6-3 and
Table 6-4) and sending a logic ‘0’ in the Read/Write Select bit. The device will ACK this sequence.
Following the device address byte, bits A7 and A6 of the word address byte must be set to 10b regardless of the
intended address being written. Refer to Table 6-5 for detailed requirements on these bits. Figure 10-2 is an example
of a byte write operation in the Security register.
Figure 10-2. Byte Write in the Security Register
SCL
SDA
Device Address Byte
Word Address Byte
Data Word
Start
by
Host
ACK
from
Client
MSb
MSb
Stop
by
Host
MSb
1
2
3
4
5
6
7
8
9
1
0
1
0
#(2) @(1) A8
0
0
1
2
3
4
5
6
7
8
9
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
X
A4
A3 A2 A1
A0
0
1
2
3
4
5
6
7
8
9
ACK
from
Client
ACK
from
Client
Notes: 
1.
For the AT24CSW04X, the @ indicates the A1 address bit which is managed by the ordering code of the
device (see Table 6-3). For the AT24CSW08X, the @ indicates the A9 address bit.
2.
# indicates the hardware address value which is managed by the ordering code of the device (see Table 6-3
and Table 6-4).
The user-programmable portion of the Security register can be permanently inhibited from future writing with the Lock
command. The status of the Lock state can be determined by sending a subset of the Lock command.
AT24CSW04X/AT24CSW08X
Security Register
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com