Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 27 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 27 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 23Page - Microchip Technology AT24CSW04X Datasheet HTML 24Page - Microchip Technology AT24CSW04X Datasheet HTML 25Page - Microchip Technology AT24CSW04X Datasheet HTML 26Page - Microchip Technology AT24CSW04X Datasheet HTML 27Page - Microchip Technology AT24CSW04X Datasheet HTML 28Page - Microchip Technology AT24CSW04X Datasheet HTML 29Page - Microchip Technology AT24CSW04X Datasheet HTML 30Page - Microchip Technology AT24CSW04X Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Figure 9-2. Random Read
SCL
SDA
Start
by
Host
Device Address Byte
Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
#
@
A8
0
0
Dummy Write
Start
by
Host
Device Address Byte
Data Word (n)
Stop
by
Host
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
#
@
X
1
0
D7 D6
D5 D4 D3
D2 D1 D0
1
A7 A6
A5
A4
A3 A2 A1
A0
0
ACK
from
Client
ACK
from
Client
ACK
from
Client
NACK
from
Host
(1)
(2)
(1)
(2)
Notes: 
1.
For the AT24CSW04X, the @ indicates the A1 Hardware Address bit which is managed by the ordering code
of the device (see Table 6-3). For the AT24CSW08X, the @ indicates the A9 address bit.
2.
# indicates the hardware address value which is managed by the ordering code of the device (see Table 6-3
and Table 6-4).
9.3
Sequential Read
Sequential reads are initiated by either a current address read or a random read. After the bus host receives a data
word, it responds with an Acknowledge. As long as the EEPROM receives an ACK, it will continue to increment the
word address and serially clock out sequential data words. When the maximum memory address is reached, the data
word address will rollover and the sequential read will continue from the beginning of the memory array. All types of
read operations will be terminated if the bus host does not respond with an ACK (it NACKs) during the ninth clock
cycle. After the NACK response, the host may send a Stop condition to complete the protocol or it can send a Start
condition to begin the next sequence.
Figure 9-3. Sequential Read
SCL
SDA
Start
by
Host
ACK
from
Client
ACK
from
Host
Device Address Byte
Data Word (n)
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
#
@
X
1
0
D7 D6
D5 D4 D3
D2 D1 D0
0
ACK
from
Host
NACK
from
Host
Stop
by
Host
ACK
from
Host
Data Word (n+1)
Data Word (n+2)
Data Word (n+x)
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
D7 D6 D5 D4 D3 D2
D1 D0
0
D7 D6 D5 D4 D3 D2 D1 D0
0
D7 D6 D5 D4 D3 D2 D1 D0
1
MSb
MSb
MSb
(1)
(2)
AT24CSW04X/AT24CSW08X
Read Operations
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com