Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 23 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 23 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 19Page - Microchip Technology AT24CSW04X Datasheet HTML 20Page - Microchip Technology AT24CSW04X Datasheet HTML 21Page - Microchip Technology AT24CSW04X Datasheet HTML 22Page - Microchip Technology AT24CSW04X Datasheet HTML 23Page - Microchip Technology AT24CSW04X Datasheet HTML 24Page - Microchip Technology AT24CSW04X Datasheet HTML 25Page - Microchip Technology AT24CSW04X Datasheet HTML 26Page - Microchip Technology AT24CSW04X Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Table 8-2. Device Address Byte Requirements for Accessing the Write Protection Register
Memory Region
Device Type Identifier
Hardware Address
Bits
Don’t
Care
R/W
Select
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2(1)
Bit 1
Bit 0
Write Protection
Register
1
0
1
1
A2
A1
X
R/W
Note: 
1.
The A1 Address Bit is a “Don’t Care” on the AT24CSW08X when accessing the WPR.
When accessing the Write Protection register, it is required that the A7 and A6 bits of the word address be set to 11b
respectively. The remaining bits of the word address byte are “don’t care” bits as shown in Table 8-3.
Table 8-3. Word Address Byte Requirements for Accessing the Write Protection Register
A7
A6
A5
A4
A3
A2
A1
A0
Write Protection Register
1
1
X
X
X
X
X
X
Following the word address byte are the contents of the 8‑bit Write Protection register. The register format is shown
in Table 8-4 and the WPR bit functions are included in Table 8-5.
Table 8-4. Write Protection Register Format
D7
D6
D5
D4
D3
D2
D1
D0
Read WPR
0
0
0
0
WPRE
WPB1
WPB0
WPRL
Write WPR
0
1
0: No Lock
0
1: Set Lock
Table 8-5. Write-Protect Register Bit Function
Bit
Name
Type
Description
3
WPRE
Write Protection Register
Enable
R/W
0
No Software Write Protection is enabled
(Factory Default).
1
Write protection is set by the state of the
WPB[1:0] bits.
2:1
WPB1
Write-Protect Block Bits
R/W
00
Upper ¼ of EEPROM is write protected
(Factory Default).
01
Upper ½ of EEPROM is write protected.
WPB0
10
Upper ¾ of EEPROM is write protected.
11
Entire EEPROM is write protected.
0
WPRL
Write-Protect Lock Bit
R/OTP
0
WPR can be written to; requires D5 = 0
during write (Factory Default).
1
WPR will become permanently locked
(requires D5 = 1) during write.
• Write-Protect Register Enable bit (WPRE), Bit 3
This bit is used to enable or disable the device software write-protect feature. A logic ‘0’ in this position will
disable software write protection and a logic ‘1’ will enable this function.
• Write-Protect Block Bits (WPB[1:0], Bits 2:1)
AT24CSW04X/AT24CSW08X
Write Protection
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com