Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 25 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 25 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 21Page - Microchip Technology AT24CSW04X Datasheet HTML 22Page - Microchip Technology AT24CSW04X Datasheet HTML 23Page - Microchip Technology AT24CSW04X Datasheet HTML 24Page - Microchip Technology AT24CSW04X Datasheet HTML 25Page - Microchip Technology AT24CSW04X Datasheet HTML 26Page - Microchip Technology AT24CSW04X Datasheet HTML 27Page - Microchip Technology AT24CSW04X Datasheet HTML 28Page - Microchip Technology AT24CSW04X Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
8.4
Reading the Write Protection Register
To read the contents of the WPR, a random read operation must be sent to the device (see Random Read) so that
the reserved word address bits A7 and A6 can properly be set. It is not possible to read the contents of the WPR with
a current address read.
When reading the WPR contents, data bit 7 through 4 will always read as a logic ‘0’ as seen in Table 8-4.
Figure 8-3. Read Write Protection Register
SCL
SDA
Start
by
Host
Device Address Byte
Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
1
#(2) @(1)
#
0
0
Dummy Write
Start
by
Host
Device Address Byte
WPR Contents
Stop
by
Host
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
1
#(2) @(1)
#
1
0
0
0
0
0
D3
D2 D1 D0
1
1
1
X
X
X
X
X
X
0
ACK
from
Client
ACK
from
Client
ACK
from
Client
NACK
from
Host
Notes: 
1.
For the AT24CSW04X, the @ indicates the A1 address bit which is managed by the ordering code of the
device (see Table 6-3). For the AT24CSW08X, the @ indicates the A9 address bit.
2.
# indicates the hardware address value which is managed by the ordering code of the device (see Table 6-3
and Table 6-4).
AT24CSW04X/AT24CSW08X
Write Protection
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com