Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 11 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 11 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 7Page - Microchip Technology AT24CSW04X Datasheet HTML 8Page - Microchip Technology AT24CSW04X Datasheet HTML 9Page - Microchip Technology AT24CSW04X Datasheet HTML 10Page - Microchip Technology AT24CSW04X Datasheet HTML 11Page - Microchip Technology AT24CSW04X Datasheet HTML 12Page - Microchip Technology AT24CSW04X Datasheet HTML 13Page - Microchip Technology AT24CSW04X Datasheet HTML 14Page - Microchip Technology AT24CSW04X Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Figure 4-1.  Bus Timing
SCL
SDA In
SDA Out
t
F
t
HIGH
t
LOW
t
R
t
DH
t
AA
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
4.5
Electrical Specifications
4.5.1
Power-Up Requirements and Reset Behavior
During a power-up sequence, the VCC supplied to the AT24CSW04X/AT24CSW08X should monotonically rise from
GND to the minimum VCC level (as specified in Table 4-1), with a slew rate no faster than 0.1 V/µs.
4.5.1.1
Device Reset
To prevent inadvertent write operations or any other spurious events from occurring during a power-up sequence, the
AT24CSW04X/AT24CSW08X includes a Power-on Reset (POR) circuit. Upon power-up, the device will not respond
to any commands until the VCC level crosses the internal voltage threshold (VPOR) that brings the device out of Reset
and into Standby mode.
The system designer must ensure the instructions are not sent to the device until the VCC supply has reached a
stable value greater than or equal to the minimum VCC level. Additionally, once the VCC is greater than or equal to the
minimum VCC level, the bus host must wait at least tPUP before sending the first command to the device. See Table
4-4 for the values associated with these power-up parameters.
Table 4-4. Power-Up Conditions(1)
Symbol
Parameter
Min. Max. Units
tPUP
Time required after VCC is stable before the device can accept commands
100
-
µs
VPOR
Power-on Reset Threshold Voltage
-
1.5
V
tPOFF
Minimum time at VCC = 0V between power cycles
1
-
ms
Note: 
1.
These parameters are characterized but they are not 100% tested in production.
If an event occurs in the system where the VCC level supplied to the AT24CSW04X/AT24CSW08X drops below the
maximum VPOR level specified, it is recommended that a full-power cycle sequence be performed by first driving
the VCC pin to GND, waiting at least the minimum tPOFF time and then performing a new power-up sequence in
compliance with the requirements defined in this section.
AT24CSW04X/AT24CSW08X
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com