Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 29 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 29 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 25Page - Microchip Technology AT24CSW04X Datasheet HTML 26Page - Microchip Technology AT24CSW04X Datasheet HTML 27Page - Microchip Technology AT24CSW04X Datasheet HTML 28Page - Microchip Technology AT24CSW04X Datasheet HTML 29Page - Microchip Technology AT24CSW04X Datasheet HTML 30Page - Microchip Technology AT24CSW04X Datasheet HTML 31Page - Microchip Technology AT24CSW04X Datasheet HTML 32Page - Microchip Technology AT24CSW04X Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
10.
Security Register
The AT24CSW04X/AT24CSW08X includes a 32-byte Security register. The Security register is segmented into a
16-byte read-only section and a 16‑byte user-programmable section organized as 2 pages of 16 bytes each. The
user-programmable portion supports both byte write and page write operations. The read-only section contains a
preprogrammed ensured unique 128-bit serial number. The user-programmable portion may be permanently locked
at any time with the Lock command.
Table 10-1. Security Register Organization
Security Register Byte Number
0
1
...
14
15
16
17
...
30
31
Factory-Programmed (Read-only)
0-15: Device Serial Number
User-Programmable (Lockable)
10.1
Custom Programming Option
Microchip supports the preprogramming and subsequent locking of customer specific data in the user-programmable
portion of the Security register. Contact the local Microchip Sales representative for more details on this custom
solution.
10.2
Read Operations in the Security Register
Random read and sequential read operations are supported by the Security register provided the device address
uses a device type identifier of 1011b (Bh), and the A7 and A6 bits of the word address are set to 10b. Current
address reads in the Security register are not supported due to the fact that the required A7 and A6 address bits in
the word address byte do not get sent to the device.
The first 16 bytes of the Security register are by definition read-only and contain a preprogrammed ensured unique
128-bit serial number. The remaining 16 bytes of the Security register are user-programmable and can be locked
from any future programming operations (see Lock Command).
10.2.1
Address Pointer Behavior
The AT24CSW04X/AT24CSW08X contains a single Address Pointer that is shared between the EEPROM and the
Security register. As such, any read operation to the Security register should begin with a dummy write sequence (i.e.
random read) to ensure the Address Pointer is set to a known value. If the preceding operation was to the Security
register, the Address Pointer will retain the last access location incremented by one.
10.2.2
Serial Number Read
Reading the 128-bit serial number is similar to the sequential read sequence but requires use of the device address
seen in Figure 10-1, a dummy write and a specific word address. The word address must begin with a 10b sequence
regardless of the intended address. If a word address other than 10b is used, the device will not output valid data.
Example: If the application desires to read the first byte of the serial number, the word address input would need to
be 80h.
Note:  The entire 128-bit value must be read from the starting address of the serial number block to ensure a unique
number. Reading the serial number from a location other than the first address of the block will not result in a unique
serial number.
When the end of the Security register is reached (32 bytes of data), the data word address will roll over to the
beginning of Security register starting with the most significant byte of the 128-bit serial number. The serial number
read operation or any read of the Security register is terminated when the host does not respond with an ACK and
instead issues a Stop condition.
AT24CSW04X/AT24CSW08X
Security Register
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com