Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 19 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 19 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 15Page - Microchip Technology AT24CSW04X Datasheet HTML 16Page - Microchip Technology AT24CSW04X Datasheet HTML 17Page - Microchip Technology AT24CSW04X Datasheet HTML 18Page - Microchip Technology AT24CSW04X Datasheet HTML 19Page - Microchip Technology AT24CSW04X Datasheet HTML 20Page - Microchip Technology AT24CSW04X Datasheet HTML 21Page - Microchip Technology AT24CSW04X Datasheet HTML 22Page - Microchip Technology AT24CSW04X Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
7.
Write Operations
All write operations for the AT24CSW04X/AT24CSW08X begin with the host sending a Start condition, followed by
a device address byte with the R/W bit set to logic ‘0’ and then by the word address byte. The data value(s) to be
written to the device immediately follow the word address byte. When writing to a protected region, the device will
ACK but the internal write cycle will abort, leaving the device ready for the next operation.
7.1
Byte Write
The AT24CSW04X/AT24CSW08X supports the writing of a single 8-bit byte. Selecting a data word in the
AT24CSW04X requires a 9-bit word address, while selecting a data word in the AT24CSW08X requires a 10-bit
word address.
Upon receipt of the proper device address and the word address bytes, the EEPROM will send an Acknowledge. The
device will then be ready to receive the 8-bit data word. Following receipt of the 8‑bit data word, the EEPROM will
respond with an ACK. The addressing device, such as a bus host, must then terminate the write operation with a
Stop condition. At that time, the EEPROM will enter an internally self-timed write cycle, which will be completed within
tWR, while the data word is being programmed into the nonvolatile EEPROM. All inputs are disabled during this write
cycle, and the EEPROM will not respond until the write is complete.
Figure 7-1. Byte Write
SCL
SDA
Device Address Byte
Word Address Byte
Data Word
Start
by
Host
ACK
from
Client
MSb
MSb
Stop
by
Host
MSb
1
2
3
4
5
6
7
8
9
1
0
1
0
#
@
A8
0
0
1
2
3
4
5
6
7
8
9
D7 D6 D5 D4 D3 D2 D1 D0
0
A7 A6 A5
A4
A3 A2 A1
A0
0
1
2
3
4
5
6
7
8
9
ACK
from
Client
ACK
from
Client
(1)
(2)
Notes: 
1.
For the AT24CSW04X, the @ indicates the A1 Hardware Address bit which is managed by the ordering code
(see Table 6-3). For the AT24CSW08X, the @ indicates the A9 address bit.
2.
# indicates the hardware address value which is managed by the ordering code of the device (see Table 6-3
and Table 6-4).
7.2
Page Write
A page write operation allows up to 16 bytes to be written in the same write cycle, provided all bytes are in the same
row of the memory array (where address bits A9/A8 to A3 are the same). Partial page writes of less than 16 bytes are
also allowed.
A page write is initiated the same way as a byte write, but the bus host does not send a Stop condition after the first
data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the bus host can
transmit up to fifteen additional data words. The EEPROM will respond with an ACK after each data word is received.
Once all data to be written has been sent to the device, the bus host must issue a Stop condition (see Figure 7-2) at
which time the internally self-timed write cycle will begin.
The lower four bits of the word address are internally incremented following the receipt of each data word. The higher
order address bits are not incremented and retain the memory page row location. Page write operations are limited
to writing bytes within a single physical page, regardless of the number of bytes actually being written. When the
incremented word address reaches the page boundary, the address counter will rollover to the beginning of the same
page. Nevertheless, creating a rollover event should be avoided as previously loaded data in the page could become
unintentionally altered.
AT24CSW04X/AT24CSW08X
Write Operations
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com