Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW04X Datasheet(PDF) 40 Page - Microchip Technology

Part # AT24CSW04X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW04X Datasheet(HTML) 40 Page - Microchip Technology

Back Button AT24CSW04X Datasheet HTML 35Page - Microchip Technology AT24CSW04X Datasheet HTML 36Page - Microchip Technology AT24CSW04X Datasheet HTML 37Page - Microchip Technology AT24CSW04X Datasheet HTML 38Page - Microchip Technology AT24CSW04X Datasheet HTML 39Page - Microchip Technology AT24CSW04X Datasheet HTML 40Page - Microchip Technology AT24CSW04X Datasheet HTML 41Page - Microchip Technology AT24CSW04X Datasheet HTML 42Page - Microchip Technology AT24CSW04X Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Product Family
24CS = I2C Compatiable
Serial EEPROM with
a Security Register
Device Density & Feature
Shipping Carrier Option
Package Device Grade or
Wafer/Die Thickness
Package Option
W04 = 4-Kbit with
Software Write Protection
W08 = 8-Kbit with
Software Write Protection
T = Tape and Reel
Operating Voltage
M = 1.7V to 3.6V
U = Industrial Temperature Range
(-40°C to +85°C)
11 = 11 mil Wafer Sale Thickness
ST = SOT23
U = 2 x 2 Grid Array, WLCSP
WW = Wafer Sale
A T24CSW040-STUMXX-T
Product Variation
XX = Applies to selected packages only
08 = Backside Coated WLCSP
Hardware Client Address
(4-Kbit Device)
0 = A
2,A1 Client Address, 00b
2 = A
2,A1 Client Address, 01b
4 = A
2,A1 Client Address, 10b
6 = A
2,A1 Client Address, 11b
0 = A
2 Client Address, 0b
4 = A
2 Client Address, 1b
Hardware Client Address
(8-Kbit Device)
Examples
Device
Package Package
Drawing
Code
Package
Option
Shipping Carrier Option
Device Grade
AT24CSW040‑STUM‑T
SOT23
4U‑13
ST
Tape and Reel
Industrial Temperature
(-40°C to +85°C)
AT24CSW080‑STUM‑T
SOT23
4U‑13
ST
Tape and Reel
AT24CSW040‑UUM0B‑T
WLCSP
4U‑13
U
Tape and Reel
AT24CSW080‑UUM0B‑T
WLCSP
4U‑13
U
Tape and Reel
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
• Microchip products meet the specifications contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is secure when used in the intended manner and under normal
conditions.
• There are dishonest and possibly illegal methods being used in attempts to breach the code protection features
of the Microchip devices. We believe that these methods require using the Microchip products in a manner
outside the operating specifications contained in Microchip’s Data Sheets. Attempts to breach these code
protection features, most likely, cannot be accomplished without violating Microchip’s intellectual property rights.
• Microchip is willing to work with any customer who is concerned about the integrity of its code.
AT24CSW04X/AT24CSW08X
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com