Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 36Page - Dialog Semiconductor AT25DF641A Datasheet HTML 37Page - Dialog Semiconductor AT25DF641A Datasheet HTML 38Page - Dialog Semiconductor AT25DF641A Datasheet HTML 39Page - Dialog Semiconductor AT25DF641A Datasheet HTML 40Page - Dialog Semiconductor AT25DF641A Datasheet HTML 41Page - Dialog Semiconductor AT25DF641A Datasheet HTML 42Page - Dialog Semiconductor AT25DF641A Datasheet HTML 43Page - Dialog Semiconductor AT25DF641A Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
39
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
11.2 Write Status Register Byte 1
The Write Status Register Byte 1 command is used to modify the SPRL bit of the Status Register and/or to perform a
Global Protect or Global Unprotect operation. Before the Write Status Register Byte 1 command can be issued, the Write
Enable command must have been previously issued to set the WEL bit in the Status Register to a Logical 1.
To issue the Write Status Register Byte 1 command, the CS pin must first be asserted and the opcode of 01h must be
clocked into the device followed by one byte of data. The one byte of data consists of the SPRL bit value, a dummy bit,
four data bits to denote whether a Global Protect or Unprotect should be performed, and two additional dummy bits (see
Table 11-3). Any additional data bytes that are sent to the device will be ignored. When the CS pin is deasserted, the
SPRL bit in the Status Register will be modified, and the WEL bit in the Status Register will be reset back to a
Logical 0. The values of bits 5, 4, 3, and 2 and the state of the SPRL bit before the Write Status Register Byte 1
command was executed (the prior state of the SPRL bit) will determine whether or not a Global Protect or Global
Unprotect will be performed. See “Global Protect/Unprotect” on page 25 for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of
the SPRL bit will not change, no potential Global Protect or Unprotect will be performed, and the WEL bit in the Status
Register will be reset back to the Logical 0 state.
If the WP pin is asserted, then the SPRL bit can only be set to a Logical 1. If an attempt is made to reset the SPRL bit to
a Logical 0 while the WP pin is asserted, then the Write Status Register Byte 1 command will be ignored, and the WEL bit
in the Status Register will be reset back to the Logical 0 state. In order to reset the SPRL bit to a Logical 0, the WP pin
must be deasserted.
Table 11-3. Write Status Register Byte 1 Format
Figure 11-2. Write Status Register Byte 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPRL
X
Global Protect/Unprotect
X
X
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
4
Opcode
10 11
9
814 15
13
12
1
MSB
DXD
D
D
D
X
X
Status Register In
Byte 1
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com