Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 30Page - Dialog Semiconductor AT25DF641A Datasheet HTML 31Page - Dialog Semiconductor AT25DF641A Datasheet HTML 32Page - Dialog Semiconductor AT25DF641A Datasheet HTML 33Page - Dialog Semiconductor AT25DF641A Datasheet HTML 34Page - Dialog Semiconductor AT25DF641A Datasheet HTML 35Page - Dialog Semiconductor AT25DF641A Datasheet HTML 36Page - Dialog Semiconductor AT25DF641A Datasheet HTML 37Page - Dialog Semiconductor AT25DF641A Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
33
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device
will abort the operation and the user-programmable portion of the OTP Security Register will not be programmed. The
WEL bit in the Status Register will be reset back to the Logical 0 state if the OTP Security Register program cycle aborts
due to an incomplete address being sent, an incomplete byte of data being sent, the CS pin being deasserted on uneven
byte boundaries, or because the user-programmable portion of the OTP Security Register was previously programmed.
While the device is programming the OTP Security Register, the Status Register can be read and will indicate that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tOTPP
time to determine if the data bytes have finished programming. At some point before the OTP Security Register
programming completes, the WEL bit in the Status Register will be reset back to the Logical 0 state.
If the device is powered-down during the OTP Security Register program cycle, then the contents of the 64-byte
user-programmable portion of the OTP Security Register cannot be guaranteed and cannot be programmed again.
The Program OTP Security Register command utilizes the 256-byte internal buffer for processing. Therefore, the
contents of the buffer will be altered from its previous state when this command is issued.
Figure 10-4. Program OTP Security Register
SCK
CS
SI
SO
MSB
MSB
23
1
0
10011011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
Opcode
High-impedance
AA
AAA
A
MSB
DDDDDDDD
Address Bits A23-A0
Data In Byte 1
MSB
DDDDDDDD
Data In Byte n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com