Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 55 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 55 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 50Page - Dialog Semiconductor AT25DF641A Datasheet HTML 51Page - Dialog Semiconductor AT25DF641A Datasheet HTML 52Page - Dialog Semiconductor AT25DF641A Datasheet HTML 53Page - Dialog Semiconductor AT25DF641A Datasheet HTML 54Page - Dialog Semiconductor AT25DF641A Datasheet HTML 55Page - Dialog Semiconductor AT25DF641A Datasheet HTML 56Page - Dialog Semiconductor AT25DF641A Datasheet HTML 57Page - Dialog Semiconductor AT25DF641A Datasheet HTML 58Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
54
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
17.
Packaging Information
17.1 8S2 — 8-lead EIAJ SOIC
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
contact@adestotech.com
8S2
STN
F
8S2, 8-lead, 0.208” Body, Plastic Small
Outline Package (EIAJ)
4/15/08
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes: 1. This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information.
2. Mismatch of the upper and lower dies and resin burrs aren't included.
3. Determines the true geometric position.
4. Values b,C apply to plated terminal. The standard thickness of the plating layer shall measure between 0.007 to .021 mm.
A
1.70
2.16
A1
0.05
0.25
b
0.35
0.48
4
C
0.15
0.35
4
D
5.13
5.35
E1
5.18
5.40
2
E
7.70
8.26
L
0.51
0.85
q
0°
8°
e
1.27 BSC
3
qq
1
1
N
N
E
E
TOP VIEW
TOP VIEW
C
C
E1
E1
END VIEW
END VIEW
A
A
b
b
L
L
A1
A1
e
e
D
D
SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com