Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT25DF641A Datasheet HTML 1Page - Dialog Semiconductor AT25DF641A Datasheet HTML 2Page - Dialog Semiconductor AT25DF641A Datasheet HTML 3Page - Dialog Semiconductor AT25DF641A Datasheet HTML 4Page - Dialog Semiconductor AT25DF641A Datasheet HTML 5Page - Dialog Semiconductor AT25DF641A Datasheet HTML 6Page - Dialog Semiconductor AT25DF641A Datasheet HTML 7Page - Dialog Semiconductor AT25DF641A Datasheet HTML 8Page - Dialog Semiconductor AT25DF641A Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
8793F–DFLASH–11/2017
Features
Single 2.7V - 3.6V supply
Serial Peripheral Interface (SPI) compatible
Supports SPI Modes 0 and 3
Supports RapidS™ operation
Supports Dual-Input Program and Dual-Output Read
Very high operating frequencies
100MHz for RapidS
85MHz for SPI
Clock-to-output time (tV) of 5ns maximum
Flexible, optimized erase architecture for code + data storage applications
Uniform 4KB, 32KB, and 64KB Block Erase
Full Chip Erase
Individual sector protection with Global Protect/Unprotect feature
128 Sectors of 64KB each
Hardware controlled locking of protected sectors via WP pin
Sector Lockdown
Make any combination of 64KB sectors permanently read-only
128-byte One-Time Programmable (OTP) Security Register
64 bytes factory preprogrammed
64 bytes user programmable
Flexible programming
Byte/Page Program (1 to 256 bytes)
Fast program and erase times
2.5ms typical Page Program (256 bytes) time
75ms typical 4KB Block Erase time
300ms typical 32KB Block Erase time
600ms typical 64KB Block Erase time
Program and Erase Suspend/Resume
Automatic checking and reporting of erase/program failures
Software controlled reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low power dissipation
25mA Active Read current (typical at 20MHz)
5µA Deep Power-Down current (typical)
Endurance: 100,000 program/erase cycles
Data retention: 20 years
Complies with full industrial temperature range
Industry standard green (Pb/Halide-free/RoHS compliant) package options
8-lead SOIC (0.208” wide)
8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
AT25DF641A
64-Mbit, 2.7V Minimum SPI Serial Flash Memory
with Dual–I/O Support
DATASHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com