Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 45Page - Dialog Semiconductor AT25DF641A Datasheet HTML 46Page - Dialog Semiconductor AT25DF641A Datasheet HTML 47Page - Dialog Semiconductor AT25DF641A Datasheet HTML 48Page - Dialog Semiconductor AT25DF641A Datasheet HTML 49Page - Dialog Semiconductor AT25DF641A Datasheet HTML 50Page - Dialog Semiconductor AT25DF641A Datasheet HTML 51Page - Dialog Semiconductor AT25DF641A Datasheet HTML 52Page - Dialog Semiconductor AT25DF641A Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
48
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
14.
Electrical Specifications
14.1 Absolute Maximum Ratings*
14.2 DC and AC Operating Range
14.3 DC Characteristics
Temperature under Bias . . . . . . . . . . -55
C to +125C
Storage Temperature. . . . . . . . . . . . . -65
C to +150C
All input voltages(including NC pins)
with respect to ground . . . . . . . . . . . . . .-0.6V to +4.1V
All output voltages
with respect to ground . . . . . . . . . .-0.6V to VCC + 0.5V
*Notice: Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
Functional operation of the device at these or any other
conditions beyond those indicated in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Voltage extremes referenced in the “Absolute
Maximum Ratings” are intended to accomodate short duration
undershoot/overshoot conditions and does not imply or
guarantee functional device operation at these levels for any
extended period of time.
AT25DF641A
Operating Temperature (Case)
Industrial
-40
C to 85C
VCC Power Supply
2.7V to 3.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
25
50
µA
IDPD
Deep Power-down Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
5
20
µA
ICC1
Active Current, Read Operation
f = 100MHz; IOUT = 0mA;
CS = VIL, VCC = Max
30
40
mA
f = 85MHz; IOUT = 0mA;
CS = VIL, VCC = Max
29
38
f = 66MHz; IOUT = 0mA;
CS = VIL, VCC = Max
28
37
f = 50MHz; IOUT = 0mA;
CS = VIL, VCC = Max
27
36
f = 33MHz; IOUT = 0mA;
CS = VIL, VCC = Max
26
35
f = 20MHz; IOUT = 0mA;
CS = VIL, VCC = Max
25
34
ICC2
Active Current, Program Operation
CS = VCC, VCC = Max
12
18
mA
ICC3
Active Current, Erase Operation
CS = VCC, VCC = Max
12
18
mA
ILI
Input Leakage Current
VIN = CMOS levels
1
µA
ILO
Output Leakage Current
VOUT = CMOS levels
1
µA
VIL
Input Low Voltage
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
V
VOL
Output Low Voltage
IOL = 1.6mA; VCC = Min
0.4
V
VOH
Output High Voltage
IOH = -100µA; VCC = Min
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com