Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 12Page - Dialog Semiconductor AT25DF641A Datasheet HTML 13Page - Dialog Semiconductor AT25DF641A Datasheet HTML 14Page - Dialog Semiconductor AT25DF641A Datasheet HTML 15Page - Dialog Semiconductor AT25DF641A Datasheet HTML 16Page - Dialog Semiconductor AT25DF641A Datasheet HTML 17Page - Dialog Semiconductor AT25DF641A Datasheet HTML 18Page - Dialog Semiconductor AT25DF641A Datasheet HTML 19Page - Dialog Semiconductor AT25DF641A Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
15
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device
will abort the operation and no data will be programmed into the memory array. In addition, if the address specified by
A23-A0 points to a memory location within a sector that is in the protected state (see “Protect Sector” on page 23) or
locked down (see “Sector Lockdown” on page 29), then the Byte/Page Program command will not be executed, and the
device will return to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be reset
back to the Logical 0 state if the program cycle aborts due to an incomplete address being sent, an incomplete byte of
data being sent, the CS pin being deasserted on uneven byte boundaries, or because the memory location to be
programmed is protected or locked down.
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to determine if the
data bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status
Register will be reset back to the Logical 0 state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
Figure 8-3. Dual-Input Byte Program
Figure 8-4. Dual-Input Page Program
SCK
CS
SI
SOI
MSB
MSB
23
1
0
10100010
67
5
410 11
9
812
33
35
34
31 32
29 30
Opcode
AAAA
AAA
AA
Address Bits A23-A0
MSB
D7
D6
D5
D4
D3
D2
D1
D0
Input
Data Byte
High-impedance
SCK
CS
SI
SOI
MSB
MSB
23
1
0
10100010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
Opcode
AAAA
AAA
AA
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Address Bits A23-A0
Input
Data Byte 1
MSB
D7
D6
D5
D4
D3
D2
D1
D0
Input
Data Byte n
Input
Data Byte 2
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com