Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 43Page - Dialog Semiconductor AT25DF641A Datasheet HTML 44Page - Dialog Semiconductor AT25DF641A Datasheet HTML 45Page - Dialog Semiconductor AT25DF641A Datasheet HTML 46Page - Dialog Semiconductor AT25DF641A Datasheet HTML 47Page - Dialog Semiconductor AT25DF641A Datasheet HTML 48Page - Dialog Semiconductor AT25DF641A Datasheet HTML 49Page - Dialog Semiconductor AT25DF641A Datasheet HTML 50Page - Dialog Semiconductor AT25DF641A Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
46
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
12.5 Hold
The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock
sequence. The Hold mode, however, does not have an affect on any internally self-timed operations such as a program
or erase cycle. Therefore, if an erase cycle is in progress, asserting the HOLD pin will not pause the operation, and the
erase cycle will continue until it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated simply by asserting the
HOLD pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, then the Hold mode won’t be
started until the beginning of the next SCK low pulse. The device will remain in the Hold mode as long as the HOLD pin
and CS pin are asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin and the SCK pin will be
ignored. The WP pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low pulse. If
the HOLD pin is deasserted during the SCK high pulse, then the Hold mode won’t end until the beginning of the next SCK
low pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that may have been started will be
aborted, and the device will reset the WEL bit in the Status Register back to the Logical 0 state.
Figure 12-5. Hold Mode
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com