Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 17Page - Dialog Semiconductor AT25DF641A Datasheet HTML 18Page - Dialog Semiconductor AT25DF641A Datasheet HTML 19Page - Dialog Semiconductor AT25DF641A Datasheet HTML 20Page - Dialog Semiconductor AT25DF641A Datasheet HTML 21Page - Dialog Semiconductor AT25DF641A Datasheet HTML 22Page - Dialog Semiconductor AT25DF641A Datasheet HTML 23Page - Dialog Semiconductor AT25DF641A Datasheet HTML 24Page - Dialog Semiconductor AT25DF641A Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
20
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
8.6
Program/Erase Resume
The Program/Erase Resume command allows a suspended program or erase operation to be resumed and continue
programming a Flash page or erasing a Flash memory block where it left off. As with the Program/Erase Suspend
command, the Write Enable command does not need to be issued prior to the Program/Erase Resume command being
issued. Therefore, the Program/Erase Resume command operates independently of the state of the WEL bit in the
Status Register.
To perform a Program/Erase Resume, the CS pin must first be asserted and then the opcode D0h must be clocked into
the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be
ignored. When the CS pin is deasserted, the program or erase operation currently suspended will be resumed within a
time of tRES. The PS bit or the ES bit in the Status Register will then be reset back to the Logical 0 state to indicate that
the program or erase operation is no longer suspended. In addition, the RDY/BSY bit in the Status Register will indicate
that the device is busy performing a program or erase operation. The complete opcode must be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, no resume operation will be performed.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume command will
result in the program operation resuming first. After the program operation has been completed, the Program/Erase
Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase Suspend
command will be ignored. Therefore, if a resumed program or erase operation needs to be subsequently suspended
again, the system must either wait the entire tRES time before issuing the Program/Erase Suspend command, or it must
check the status of the RDY/BSY bit or the appropriate PS or ES bit in the Status Register to determine if the previously
suspended program or erase operation has resumed.
Figure 8-8. Program/Erase Resume
SCK
CS
SI
SO
MSB
23
1
0
11010000
67
5
4
Opcode
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com