Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 23Page - Dialog Semiconductor AT25DF641A Datasheet HTML 24Page - Dialog Semiconductor AT25DF641A Datasheet HTML 25Page - Dialog Semiconductor AT25DF641A Datasheet HTML 26Page - Dialog Semiconductor AT25DF641A Datasheet HTML 27Page - Dialog Semiconductor AT25DF641A Datasheet HTML 28Page - Dialog Semiconductor AT25DF641A Datasheet HTML 29Page - Dialog Semiconductor AT25DF641A Datasheet HTML 30Page - Dialog Semiconductor AT25DF641A Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
26
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
Table 9-2.
Valid SPRL and Global Protect/Unprotect Conditions
WP
State
Current
SPRL
Value
New Write Status
Register Byte 1
Data
Protection Operation
New
SPRL
Value
Bit
7 6 5 4 3 2 1 0
0
0
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection Registers reset to 0.
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1.
Global Unprotect – all Sector Protection Registers reset to 0.
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1.
0
0
0
0
0
1
1
1
1
1
0
1
x x x x x x x x
No change to the current protection level. All sectors currently protected will remain protected
and all sectors currently unprotected will remain unprotected.
The Sector Protection Registers are hard-locked and cannot be changed when the WP pin is
LOW and the current state of SPRL is 1. Therefore, a Global Protect/Unprotect will not occur.
In addition, the SPRL bit cannot be changed (the WP pin must be High in order to change
SPRL back to a 0).
1
0
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection Registers reset to 0.
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1.
Global Unprotect – all Sector Protection Registers reset to 0.
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1.
0
0
0
0
0
1
1
1
1
1
1
1
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
No change to the current protection level. All sectors currently protected will
remain protected, and all sectors currently unprotected will remain unprotected.
The Sector Protection Registers are soft-locked and cannot be changed when
the current state of SPRL is 1. Therefore, a Global Protect/Unprotect will not
occur. However, the SPRL bit can be changed back to a 0 from a 1 since the WP
pin is High. To perform a Global Protect/Unprotect, the Write Status Register
command must be issued again after the SPRL bit has been changed from
1 to 0.
0
0
0
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com